Electronic Components Datasheet Search
  English  ▼

X  

LM3533 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3533
Description  Complete Lighting Power Solution for Smartphone Handsets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533 Datasheet(HTML) 1 Page - Texas Instruments

  LM3533 Datasheet HTML 1Page - Texas Instruments LM3533 Datasheet HTML 2Page - Texas Instruments LM3533 Datasheet HTML 3Page - Texas Instruments LM3533 Datasheet HTML 4Page - Texas Instruments LM3533 Datasheet HTML 5Page - Texas Instruments LM3533 Datasheet HTML 6Page - Texas Instruments LM3533 Datasheet HTML 7Page - Texas Instruments LM3533 Datasheet HTML 8Page - Texas Instruments LM3533 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
IN
SW
HVLED1
LVLED1
PGND
ALS
INT
Ambient Light
Sensor
HWEN
SDA
SCL
COUT
CIN
L
D1
PWM
CPOUT
CPOUT
C-
C+
LVLED2
LVLED3
LVLED4
LVLED5
OVP
CP
VALS
VIN = 2.7 V to 5.5 V
VOUT up to 40 V
VIN
HVLED2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3533
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
LM3533 Complete Lighting Power Solution for Smartphone Handsets
1 Features
3 Description
The LM3533 is a complete power source for
1
•
Drives Two Parallel High-Voltage LED Strings for
backlight, keypad, and indicator LEDs in smartphone
Display and Keypad Lighting
handsets. The high-voltage inductive boost converter
•
High-Voltage Strings Capable of up to 40-V
provides the power for two series LED strings for
Output Voltage and up to 90% Efficiency
display backlight and keypad functions (HVLED1 and
HVLED2). The integrated charge pump provides the
•
Up to 30 mA per Current Sink (Both Backlight and
bias for the five low-voltage indicator LED current
Indicator)
sinks (LVLED1 to LVLED5). All low-voltage current
•
14-Bit Equivalent Exponential Dimming With 8-Bit
sinks can have a programmable pattern modulated
Programmable Backlight Code
onto their output current for a wide variety of blinking
•
Selectable Analog ALS Input with 128
patterns.
Programmable Gain-Setting Resistors or PWM
Additional features include a pulse width modulation
ALS Input With Internal Low-Pass Filter
(PWM) control input for content adjustable backlight
•
PWM Input for Content Adjustable Brightness
control (CABC), and an ambient light sensor interface
Control
(ALS) with an internal 8-bit ADC to provide automatic
current
adjustment
based
upon
ambient
light
•
Five Low-Voltage Current Sinks for Indicator LEDs
conditions. Both the PWM and ALS inputs can be
•
Integrated Charge Pump for Improved Efficiency
used to control any high- or low-voltage current sink.
and VIN Operating Range
The LM3533 is fully programmable via an I2C-
•
Internal Pattern Generation Engine
compatible interface. The device is available in a
•
Fully Configurable LED Grouping and Control
20-pin DSBGA and operates over a 2.7-V to 5.5-V
•
Four Programmable Overvoltage Protection
input
voltage
range
and
a
−40°C
to
+85°C
Thresholds (16 V, 24 V, 32 V, and 40 V)
temperature range.
•
Programmable 500-kHz and 1-MHz Switching
Device Information(1)
Frequency
PART NUMBER
PACKAGE
BODY SIZE (MAX)
•
27-mm2 Total Solution Size
LM3533
DSBGA (20)
2.04 mm × 1.78 mm
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Power Source for Smart Phone Illumination
•
Display, Keypad and Indicator Illumination
•
RGB Indicator Driver
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3533

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3533 TI1-LM3533 Datasheet
2Mb / 53P
Complete Lighting Power Solution for Smartphone Handsets
LM3533TME-40 TI1-LM3533TME-40 Datasheet
2Mb / 53P
Complete Lighting Power Solution for Smartphone Handsets
LM3533TME-40A TI1-LM3533TME-40A Datasheet
2Mb / 53P
Complete Lighting Power Solution for Smartphone Handsets
LM3533TMX-40 TI1-LM3533TMX-40 Datasheet
2Mb / 53P
Complete Lighting Power Solution for Smartphone Handsets
LM3533TMX-40A TI1-LM3533TMX-40A Datasheet
2Mb / 53P
Complete Lighting Power Solution for Smartphone Handsets
More results

Similar Description - LM3533

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SC14402 NSC-SC14402 Datasheet
78Kb / 7P
Complete Baseband Processor for DECT Handsets
SC14404 NSC-SC14404 Datasheet
175Kb / 6P
Complete Baseband Processor for DECT Handsets
SC14408 NSC-SC14408 Datasheet
95Kb / 5P
Complete Baseband Processor for DECT Handsets
logo
Semtech Corporation
SC2616 SEMTECH-SC2616 Datasheet
414Kb / 17P
Complete DDR Power Solution
SC2615 SEMTECH-SC2615 Datasheet
216Kb / 13P
Complete DDR Power Solution
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
Complete DDR Power Solution
logo
Texas Instruments
LM3533 TI1-LM3533 Datasheet
2Mb / 53P
Complete Lighting Power Solution for Smartphone Handsets
LM3633 TI1-LM3633 Datasheet
1Mb / 59P
Complete Lighting Power Solution for Smartphone Handsets
logo
Lumileds Lighting Compa...
DS66 LUMILEDS-DS66 Datasheet
1Mb / 18P
Functional solution for forward lighting systems
logo
Texas Instruments
TPS65295 TI1-TPS65295 Datasheet
1Mb / 39P
complete DDR4 memory power solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com