Electronic Components Datasheet Search
  English  ▼

X  

TSC2102IDA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2102IDA
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2102IDA Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSC2102IDA Datasheet HTML 3Page - Texas Instruments TSC2102IDA Datasheet HTML 4Page - Texas Instruments TSC2102IDA Datasheet HTML 5Page - Texas Instruments TSC2102IDA Datasheet HTML 6Page - Texas Instruments TSC2102IDA Datasheet HTML 7Page - Texas Instruments TSC2102IDA Datasheet HTML 8Page - Texas Instruments TSC2102IDA Datasheet HTML 9Page - Texas Instruments TSC2102IDA Datasheet HTML 10Page - Texas Instruments TSC2102IDA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
7
SPI TIMING DIAGRAM
t
td
ta
tsck
t
Lead
t
Lag
t
wsck
t
wsck
t
r
t
f
t
v
t
h
o
t
dis
t
hi
tsu
SS
SCLK
MISO
MOSI
MSB IN
BIT 6 . . . 1
LSB OUT
BIT 6 . . . 1
LSB IN
MSB OUT
TYPICAL TIMING REQUIREMENTS
All specifications at 25
°C, IOVDD = 3.3 V, DVDD = 1.8 V(1)
PARAMETER
MIN
MAX
UNITS
twsck
SCLK pulse width
18
ns
tLead
Enable lead time
15
ns
tLag
Enable lag time
15
ns
ttd
Sequential transfer delay
15
ns
ta
Slave MISO access time
15
ns
tdis
Slave MISO disable time
15
ns
tsu
MOSI data setup time
6
ns
thi
MOSI data hold time
6
ns
tho
MISO data hold time
4
ns
tv
MISO data valid time
13
ns
tr
Rise time
4
ns
tf
Fall time
4
ns
(1) These parameters are based on characterization and are not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com