Electronic Components Datasheet Search
  English  ▼

X  

TSC2102IDA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2102IDA
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2102IDA Datasheet(HTML) 1 Page - Texas Instruments

  TSC2102IDA Datasheet HTML 1Page - Texas Instruments TSC2102IDA Datasheet HTML 2Page - Texas Instruments TSC2102IDA Datasheet HTML 3Page - Texas Instruments TSC2102IDA Datasheet HTML 4Page - Texas Instruments TSC2102IDA Datasheet HTML 5Page - Texas Instruments TSC2102IDA Datasheet HTML 6Page - Texas Instruments TSC2102IDA Datasheet HTML 7Page - Texas Instruments TSC2102IDA Datasheet HTML 8Page - Texas Instruments TSC2102IDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH
INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
FEATURES
D 4-Wire Touch Screen Interface
D Integrated Touch Screen Processor With
Fully Automated Modes of Operation
D Programmable Converter Resolution, Speed,
and Averaging
D Programmable Autonomous Timing Control
D Direct Battery Measurement
D On-Chip Temperature Measurement
D Stereo Audio Playback Up to 48 ksps
D 97-dB Stereo Audio Playback
D Integrated PLL for Audio Clock Generation
D Programmable Digital Audio Effects
Processing
D Stereo Headphone Amplifier
D SPISerial Interface
D Glueless Interface With OMAPand Xscale
Processors
D Full Power-Down Control
D Low Power: 11-mW Stereo Audio Playback
D 32-Pin TSSOP Package
APPLICATIONS
D Personal Digital Assistants
D Smart Cellular Phones
D MP3 Players
DESCRIPTION
The TSC2102 is a highly integrated combination resistive
touch screen controller with on-chip processor and audio
DAC. The touch screen portion of the TSC2102 contains
a 12-bit 4-wire resistive touch screen converter complete
with drivers, and interfaces to the host controller through
a standard SPI
 serial interface. The on-chip processor
provides extensive features specifically designed to
reduce host processor and bus overhead, with capabilities
that
include
fully
automated
operating
modes,
programmable conversion resolution up to 12 bits,
programmable
sampling
rates
up
to
125
kHz,
programmable conversion averaging, and programmable
on-chip timing generation.
The TSC2102 also features a high-performance audio
DAC with 16, 20, 24, or 32-bit stereo playback functionality
at up to 48 ksps. The stereo output drivers on the TSC2102
can be programmed for headphone drive or line-level
drive, and support capless as well as ac-coupled output
configurations.
The
digital
audio
data
format
is
programmable to work with popular audio standard
protocols (I2S, DSP, left/right justified) in master or slave
mode, and also includes an on-chip PLL for flexible clock
generation capability.
The TSC2102 offers two battery measurement inputs
capable of reading battery voltages up to 6 V, while
operating at only 2.7 V. It also has an on-chip temperature
sensor capable of reading 0.3
°C resolution. The TSC2102
is available in a 32-lead TSSOP.
US Patent No. 624639
SPI is a trademark of Motorola.
OMAP is a trademark of Texas Instruments.
Xscale is a trademark of Intel.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2003−2004, Texas Instruments Incorporated


Similar Part No. - TSC2102IDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2102IDA TI2-TSC2102IDA Datasheet
639Kb / 58P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
REVISED JUNE 2004
TSC2102IDA.A TI2-TSC2102IDA.A Datasheet
639Kb / 58P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
REVISED JUNE 2004
TSC2102IDAR TI2-TSC2102IDAR Datasheet
639Kb / 58P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
REVISED JUNE 2004
TSC2102IDAR.A TI2-TSC2102IDAR.A Datasheet
639Kb / 58P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
REVISED JUNE 2004
More results

Similar Description - TSC2102IDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
logo
Texas Instruments
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com