Electronic Components Datasheet Search
  English  ▼

X  

TSC2102IDA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2102IDA
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2102IDA Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSC2102IDA Datasheet HTML 6Page - Texas Instruments TSC2102IDA Datasheet HTML 7Page - Texas Instruments TSC2102IDA Datasheet HTML 8Page - Texas Instruments TSC2102IDA Datasheet HTML 9Page - Texas Instruments TSC2102IDA Datasheet HTML 10Page - Texas Instruments TSC2102IDA Datasheet HTML 11Page - Texas Instruments TSC2102IDA Datasheet HTML 12Page - Texas Instruments TSC2102IDA Datasheet HTML 13Page - Texas Instruments TSC2102IDA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
10
TYPICAL CHARACTERISTICS
−1.5
−1
−0.5
0
0.5
1
1.5
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
Figure 5. SAR INL (TA = 255C, Internal Ref = 2.5 V, 12 bit, AVDD = 3.3 V)
−1
−0.5
0
0.5
1
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
s
Figure 6. SAR DNL (TA = 255C, Internal Ref = 2.5 V, AVDD = 3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com