Electronic Components Datasheet Search
  English  ▼

X  

TSC2102IDA Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2102IDA
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2102IDA Datasheet(HTML) 17 Page - Texas Instruments

Back Button TSC2102IDA Datasheet HTML 13Page - Texas Instruments TSC2102IDA Datasheet HTML 14Page - Texas Instruments TSC2102IDA Datasheet HTML 15Page - Texas Instruments TSC2102IDA Datasheet HTML 16Page - Texas Instruments TSC2102IDA Datasheet HTML 17Page - Texas Instruments TSC2102IDA Datasheet HTML 18Page - Texas Instruments TSC2102IDA Datasheet HTML 19Page - Texas Instruments TSC2102IDA Datasheet HTML 20Page - Texas Instruments TSC2102IDA Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
17
Y+
X+
Y−
ON
Y+ or X+ DRIVERS ON OR
TEMP1 , TEMP2
MEASUREMENTS
ACTIVATED
TEMP DIODE
HIGH EXCEPT WHEN
TEMP1. TEMP2
ACTIVATED
PINTDAV
DATAV
50K
TEMP1
TEMP2
Figure 13. PINTDAV Functional Block Diagram
In modes where the TSC2102 needs to detect if the screen is still touched (for example, when doing a PINTDAV initiated
X, Y, and Z conversion), the TSC2102 must reset the drivers so that the 50-k resistor is connected. Because of the high
value of this pullup resistor, any capacitance on the touch screen inputs causes a long delay time, and may prevent the
detection from occurring correctly. To prevent this, the TSC2102 has a circuit that allows any screen capacitance to be
precharged, so that the pullup resistor does not have to be the only source for the charging current. The time allowed for
this precharge, as well as the time needed to sense if the screen is still touched, can be set in the configuration control
register D5−D0 of REG05H/Page1.
This does point out, however, the need to use the minimum capacitor values possible on the touch screen inputs. These
capacitors may be needed to reduce noise, but too large a value increases the needed precharge and sense times, as well
as panel voltage stabilization time.
The function of PINTDAV output is programmable and controlled by writing to the bits D15−D14 of REG 01H/Page1 as
described in the Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com