Electronic Components Datasheet Search
  English  ▼

X  

TSC2102IDA Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2102IDA
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2102IDA Datasheet(HTML) 31 Page - Texas Instruments

Back Button TSC2102IDA Datasheet HTML 27Page - Texas Instruments TSC2102IDA Datasheet HTML 28Page - Texas Instruments TSC2102IDA Datasheet HTML 29Page - Texas Instruments TSC2102IDA Datasheet HTML 30Page - Texas Instruments TSC2102IDA Datasheet HTML 31Page - Texas Instruments TSC2102IDA Datasheet HTML 32Page - Texas Instruments TSC2102IDA Datasheet HTML 33Page - Texas Instruments TSC2102IDA Datasheet HTML 34Page - Texas Instruments TSC2102IDA Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
31
TSC2102 CONTROL REGISTERS
This section describes each of the registers shown in the memory map of Table 3. The registers are grouped according
to the function they control. In the TSC2102, bits in control registers can refer to slightly different functions depending upon
whether you are reading the register or writing to the register.
TSC2102 Data Registers (Page 0)
The data registers of the TSC2102 hold data results from conversion performed by the touch screen ADC. All of these
registers default to 0000H upon reset. These registers are read only.
X, Y, Z1, Z2, BAT1, BAT2, AUX, TEMP1 and TEMP2 Registers
The results of all A/D conversions are placed in the appropriate data register. The data format of the result word, R, of these
registers is right-justified, as follows:
BIT 15
MSB
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LSB
0
0
0
0
R11
MSB
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
LSB
PAGE 1 CONTROL REGISTER MAP
REGISTER 00H: Touch Screen ADC Control
BIT
NAME
READ/
WRITE
RESET VALUE
FUNCTION
D15
PSTCM
R/W
0(for read status)
0(for write status)
Pen Status/Control Mode.
READ
0 => There is no screen touch (default)
1 => The pen is down
WRITE
0 => Host controlled touch screen conversions(default).
1=> TSC2102 controlled touch screen conversions.
D14
ADST
R/W
1(for read status)
0(for write status)
A/D Status.
READ
0 => ADC is busy
1 => ADC is not busy (default)
WRITE
0 => Normal mode. (default)
1 => Stop conversion and power down. Power down happens immediately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com