Electronic Components Datasheet Search
  English  ▼

X  

TSC2102IDA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2102IDA
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2102IDA Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSC2102IDA Datasheet HTML 5Page - Texas Instruments TSC2102IDA Datasheet HTML 6Page - Texas Instruments TSC2102IDA Datasheet HTML 7Page - Texas Instruments TSC2102IDA Datasheet HTML 8Page - Texas Instruments TSC2102IDA Datasheet HTML 9Page - Texas Instruments TSC2102IDA Datasheet HTML 10Page - Texas Instruments TSC2102IDA Datasheet HTML 11Page - Texas Instruments TSC2102IDA Datasheet HTML 12Page - Texas Instruments TSC2102IDA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
9
th(WS)
ts(WS)
ts (DI)
th(DI)
LRCK
BCLK
DIN
tL(BCLK)
tH(BCLK)
tP(BCLK)
Figure 3. I2S/LJF/RJF Timing in Slave Mode
TYPICAL TIMING REQUIREMENTS
All specifications at 25
°C, IOVDD = 3.3 V, DVDD = 1.8 V(1)
PARAMETER
MIN
MAX
UNITS
tH (BCLK)
BCLK high period
35
ns
tL (BCLK)
BCLK low period
35
ns
tP (BCLK)
BCLK period
85
ns
ts(WS)
LRCK setup
6
ns
th(WS)
LRCK hold
6
ns
ts(DI)
DIN setup
6
ns
th(DI)
DIN hold
6
ns
tr
Rise time
4
ns
tf
Fall time
4
ns
(1) These parameters are based on characterization and are not tested in production.
th(WS)
ts(WS)
ts (DI)
th(DI)
LRCK
BCLK
DIN
tH(BCLK)
tL(BCLK)
tP(BCLK)
ts(WS)
th(WS)
Figure 4. DSP Timing in Slave Mode
TYPICAL TIMING REQUIREMENTS
All specifications at 25
°C, IOVDD = 3.3 V, DVDD = 1.8 V(1)
PARAMETER
MIN
MAX
UNITS
tH (BCLK)
BCLK high period
35
ns
tL (BCLK)
BCLK low period
35
ns
tP (BCLK)
BCLK period
85
ns
ts(WS)
LRCK setup
6
ns
th(WS)
LRCK hold
6
ns
ts(DI)
DIN setup
6
ns
th(DI)
DIN hold
6
ns
tr
Rise time
4
ns
tf
Fall time
4
ns
(1) These parameters are based on characterization and are not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com