Electronic Components Datasheet Search
  English  ▼

X  

DP83266 Datasheet(PDF) 107 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 107 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 103Page - National Semiconductor (TI) DP83266 Datasheet HTML 104Page - National Semiconductor (TI) DP83266 Datasheet HTML 105Page - National Semiconductor (TI) DP83266 Datasheet HTML 106Page - National Semiconductor (TI) DP83266 Datasheet HTML 107Page - National Semiconductor (TI) DP83266 Datasheet HTML 108Page - National Semiconductor (TI) DP83266 Datasheet HTML 109Page - National Semiconductor (TI) DP83266 Datasheet HTML 110Page - National Semiconductor (TI) DP83266 Datasheet HTML 111Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 152 page
background image
70 Control Information (Continued)
Request Channel 0 and 1 Expected Frame Status Registers (R0EFSR and R1EFSR)
The Expected Frame Status Registers (R0EFSR and R1EFSR) define the matching criteria used for Full Confirmation of
returning frames on each Request Channel A returning frame must meet the programmed criteria to be counted as a matching
returning frame on each Request Channel A returning frame must meet the programmed criteria to be counted as a matching
returning frame
These registers are not altered upon reset
Access Rules
Address
Read
Write
112–113h
Always
Always
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
VDL
VFCS
EE1
EE0
EA1
EA0
EC1
EC0
Bit
Symbol
Description
D1–D0
EC1–0
Expected C Indicator
EC1
EC0
Value
0
0
Any
01
R
10
S
1
1
RorS
D3–D2
EA1–0
Expected A Indicator
EA1
EA0
Value
0
0
Any
01
R
10
S
1
1
RorS
D5–D4
EE1–0
Expected E Indicator
EE1
EE0
Value
0
0
Any
01
R
10
S
1
1
RorS
D6
VFCS
Valid FCS
When this bit is set returning frames must have a valid FCS field to meet the confirmation
criteria
D7
VDL
Valid Data Length
When this bit is set returning frames must have a valid VDL field to meet the
confirmation criteria
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com