Electronic Components Datasheet Search
  English  ▼

X  

AD9726 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9726
Description  16-Bit, 600 MSPS D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726 Datasheet(HTML) 5 Page - Analog Devices

  AD9726 Datasheet HTML 1Page - Analog Devices AD9726 Datasheet HTML 2Page - Analog Devices AD9726 Datasheet HTML 3Page - Analog Devices AD9726 Datasheet HTML 4Page - Analog Devices AD9726 Datasheet HTML 5Page - Analog Devices AD9726 Datasheet HTML 6Page - Analog Devices AD9726 Datasheet HTML 7Page - Analog Devices AD9726 Datasheet HTML 8Page - Analog Devices AD9726 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD9726
Rev. A | Page 5 of 24
DIGITAL SIGNAL SPECIFICATIONS
DBVDD = AVDD1 = AVDD2 = 3.3 V, DVDD = CLKVDD = ADVDD = ACVDD = 2.5 V, IOUT-FS = 20 mA, internal reference,
TMIN to TMAX, unless otherwise specified.
Table 3.
Parameter
Min
Typ
Max
Unit
DAC CLOCK INPUTS (CLK+/–)
Differential Voltage
0.5
1.0
V
Common-Mode Voltage
1.0
1.25
V
LVDS INPUTS (DB[15:0]+/–, DCLK_IN+/–)
Input Voltage Range
825
1575
mV
Differential Threshold Voltage
100
mV
Differential Input Impedance
100
Ω
LVDS OUTPUT (DCLK_OUT+/–)
Differential Output Voltage1
250
400
mV
Offset Voltage
1.0
1.2
V
Short-Circuit Output Current
20
mA
CMOS INPUTS (CSB, SCLK, SDIO, RESET)
Logic 0 Voltage
0.5
V
Logic 1 Voltage
2.5
V
Input Current
1
nA
CMOS OUTPUTS (SDO, SDIO)
Logic 0 Voltage
0.5
V
Logic 1 Voltage
3.0
V
Short-Circuit Output Current
10
mA
CONTROL INPUTS (SPI_DIS, SDR_EN)
Logic 0 Voltage
0.5
V
Logic 1 Voltage
2.0
V
Input Current
1
nA
1 With 100 Ω external load.
TIMING SPECIFICATIONS
DBVDD = AVDD1 = AVDD2 = 3.3 V, DVDD = CLKVDD = ADVDD = ACVDD = 2.5 V, IOUT-FS = 20 mA, internal reference,
TMIN to TMAX, unless otherwise specified.
Table 4.
Parameter
Min
Typ
Max
Unit
LVDS DATA BUS
DDR DCLK_OUT+/– Propagation Delay (tDCPD-DDR)
2000
ps
DDR DB[15:0]+/– Set-Up Time (tDSU-DDR)
–100
ps
DDR DB[15:0]+/– Hold Time (tDH-DDR)
500
ps
SDR DCLK_OUT+/– Propagation Delay (tDCPD-SDR)
300
ps
SDR DB[15:0]+/– Set-Up Time (tDSU-SDR)
–100
ps
SDR DB[15:0]+/– Hold Time (tDH-SDR)
500
ps
SERIAL PORT INTERFACE
SCLK Frequency (fSCLK)
15
MHz
SCLK Rise/Fall Time
1
ms
SCLK Pulse Width High (tCPWH)
30
ns
SCLK Pulse Width Low (tCPWL)
30
ns
SCLK Set-Up Time (tCSU)
30
ns
SDIO Set-Up Time (tDSU)
30
ns
SDIO Hold Time (tDH)
0
ns
SDIO/SDO Valid Time (tDV)
30
ns
RESET PULSE WIDTH
1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com