Electronic Components Datasheet Search
  English  ▼

X  

AD9726 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9726
Description  16-Bit, 600 MSPS D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9726 Datasheet HTML 10Page - Analog Devices AD9726 Datasheet HTML 11Page - Analog Devices AD9726 Datasheet HTML 12Page - Analog Devices AD9726 Datasheet HTML 13Page - Analog Devices AD9726 Datasheet HTML 14Page - Analog Devices AD9726 Datasheet HTML 15Page - Analog Devices AD9726 Datasheet HTML 16Page - Analog Devices AD9726 Datasheet HTML 17Page - Analog Devices AD9726 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD9726
Rev. A | Page 14 of 24
Addr
Name
Bit
I/O
Default
Description
0x11
MEMDAT
[5:0]
I/O
000000
6-bit memory data value for read/write operations.
0x15
SYNCOUT
[1:0]
O
00
2-bit output value indicates current sync quadrant.
SYNCEXT
5
I
0
1: Enable sync external mode; disable auto quadrant select.
0x16
SYNCIN
[4:3]
I
00
2-bit input value used to specify sync quadrant.
1 SWRESET also resets itself. SMEM contents are unaffected by SWRESET; however, CALMEM reports an uncalibrated state.
2 EXTREF is optional because the internal reference circuit is designed to be overdriven by an external source.
3 The self-calibration clock is also used for the memory transfer cycle; therefore, the CALCLK value affects the MEMXFER process time.
4 Register Bits 3:0 must all be 0 to assert SELFCAL. The time required for the self-calibration cycle is ~100 ms at 100 MHz with CALCLK = 0.
5 Register Bits 3:0 must all be 0 to assert MEMXFER. The time required for the memory transfer cycle is ~15 ms at 100 MHz with CALCLK = 0.
6 The UNCAL bit remains asserted after the cycle completes (SMEM contents held at default values) until the bit is cleared by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com