Electronic Components Datasheet Search
  English  ▼

X  

AD9726 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9726
Description  16-Bit, 600 MSPS D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726 Datasheet(HTML) 3 Page - Analog Devices

  AD9726 Datasheet HTML 1Page - Analog Devices AD9726 Datasheet HTML 2Page - Analog Devices AD9726 Datasheet HTML 3Page - Analog Devices AD9726 Datasheet HTML 4Page - Analog Devices AD9726 Datasheet HTML 5Page - Analog Devices AD9726 Datasheet HTML 6Page - Analog Devices AD9726 Datasheet HTML 7Page - Analog Devices AD9726 Datasheet HTML 8Page - Analog Devices AD9726 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD9726
Rev. A | Page 3 of 24
SPECIFICATIONS
DC SPECIFICATIONS
DBVDD = AVDD1 = AVDD2 = 3.3 V, DVDD = CLKVDD = ADVDD = ACVDD = 2.5 V, IOUT-FS = 20 mA, internal reference,
TMIN to TMAX, unless otherwise specified.
Table 1.
Parameter
Min
Typ
Max
Unit
ACCURACY1
DNL
±0.5
±1.0
LSB
INL
±1.0
±2.5
LSB
Offset Error
0.003
% FS
Gain Error
0.003
% FS
ANALOG OUTPUT
Full-Scale Current
20
mA
Compliance Voltage
±1
V
Output Impedance
10
MΩ
INTERNAL REFERENCE
Output Voltage
1.18
1.22
1.27
V
Output Current2
1
µA
EXTERNAL REFERENCE
Input Voltage
1.2
V
Input Resistance
10
MΩ
Small Signal Bandwidth
200
kHz
TEMPERATURE COEFFICIENTS
Gain Drift
±10
ppm of FS/ºC
Offset Drift
±10
ppm of FS/ºC
Reference Drift
±30
ppm/ºC
POWER SUPPLIES3
AVDD1, AVDD2
Voltage Range
3.13
3.47
V
Supply Current (IAVDD1 + IAVDD2)
52
60
mA
ADVDD, ACVDD
Voltage Range
2.37
2.63
V
Supply Current (IACVDD + IADVDD)
16
18
mA
CLKVDD
Voltage Range
2.37
2.63
V
Supply Current (ICLKVDD)
45
50
mA
DVDD
Voltage Range
2.37
2.63
V
Supply Current (IDVDD)
80
90
mA
DBVDD
Voltage Range
3.13
3.47
V
Supply Current (IDBVDD)
16
18
mA
POWER DISSIPATION (PDISS)
575
mW
Sleep Mode
465
mW
Power-Down Mode
≤10
mW
OPERATING TEMPERATURE RANGE
–40
+85
°C
1 TAMB = 25°C.
2 Use buffer amplifier to drive external load.
3 Supply currents and power dissipation measured in SDR with fDAC = 400 MHz and fOUT = 1 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com