Electronic Components Datasheet Search
  English  ▼

X  

AD9726 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9726
Description  16-Bit, 600 MSPS D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9726 Datasheet HTML 7Page - Analog Devices AD9726 Datasheet HTML 8Page - Analog Devices AD9726 Datasheet HTML 9Page - Analog Devices AD9726 Datasheet HTML 10Page - Analog Devices AD9726 Datasheet HTML 11Page - Analog Devices AD9726 Datasheet HTML 12Page - Analog Devices AD9726 Datasheet HTML 13Page - Analog Devices AD9726 Datasheet HTML 14Page - Analog Devices AD9726 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD9726
Rev. A | Page 11 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
50
60
70
80
90
100
0
1224
36
48
607284
96
132
120
108
144
fOUT (MHz)
–6dB
0dB
–3dB
Figure 6. SFDR vs. fOUT @ 400 MSPS
50
60
70
80
90
100
012
24
36
48
60
7
fOUT (MHz)
2
–6dB
0dB
–3dB
Figure 7. SFDR vs. fOUT @ 200 MSPS
50
60
80
70
90
100
80
90
100
120 130
30
40
50
60
70
20
110
140
fOUT (MHz)
f1 + f2 = 0dB
Figure 8. Two-Tone IMD vs. fOUT @ 400 MSPS
550
560
580
570
590
600
620
610
630
100
50
0
150
200
fOUT (MHz)
SDR
DDR
Figure 9. Power Consumption vs. fOUT @ 400 MSPS
A
1AP
EXT
0
–10
–20
–30
–40
–60
–50
–70
–90
–80
–100
–120
–110
1AVG
STOP 7.5MHz
675kHz
START 750kHz
REF LVL
0dBm
40dB
dBm
RF ATT
UNIT
1kHz
1kHz
17s
RBW
VBW
SWT
Figure 10. THD @ 400 MSPS and fOUT = 1 MHz
(Diplexer Low-Pass Output Showing 0 dBm Fundamental;
See Performance Effects of Calibration Section)
A
1AP
EXT
0
–10
–20
–30
–40
–60
–50
–70
–90
–80
–100
–120
–110
1AVG
STOP 7.5MHz
675kHz
START 750kHz
REF LVL
0dBm
10dB
dBm
RF ATT
UNIT
1kHz
1kHz
17s
RBW
VBW
SWT
Figure 11. THD @ 400 MSPS and fOUT = 1 MHz
(Diplexer High-Pass Output Showing Harmonics Before Calibration;
See Performance Effects of Calibration Section)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com