Electronic Components Datasheet Search
  English  ▼

X  

AD9726 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9726
Description  16-Bit, 600 MSPS D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9726 Datasheet HTML 16Page - Analog Devices AD9726 Datasheet HTML 17Page - Analog Devices AD9726 Datasheet HTML 18Page - Analog Devices AD9726 Datasheet HTML 19Page - Analog Devices AD9726 Datasheet HTML 20Page - Analog Devices AD9726 Datasheet HTML 21Page - Analog Devices AD9726 Datasheet HTML 22Page - Analog Devices AD9726 Datasheet HTML 23Page - Analog Devices AD9726 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD9726
Rev. A | Page 20 of 24
Self Calibration
The AD9726 features an internal self-calibration engine to
linearize the transfer function automatically. This can be very
useful at temperature extremes where factory calibration no
longer applies. The automated cycle can be initiated by asserting
the SELFCAL bit.
The self-calibration process calibrates all linearity and gain
CALDACs based upon a fixed internal reference current. Values
for all CALDACs are stored in volatile static memory. The
CALSTAT bit indicates the successful completion of the cycle,
and the SELFCAL bit is cleared. Following the cycle, the device
reports a self-calibrated state (CALMEM = 01b).
As with MEMXFER, successful assertion of the SELFCAL bit
requires that Bits [3:0] of Register 0x0F be clear. If any of these
bits are asserted (such that an SMEM/FMEM read/write/clear
state is enabled), the self-calibration cycle does not begin.
The time required to self-calibrate is dependent on both the
DAC clock frequency and the value of CALCLK. Because self-
calibration requires more time than ordinary operation, the
DAC clock is divided into a slower version and used to step
through the process. Time made available to the self-calibration
algorithm directly impacts its ability to provide accurate results.
A maximum fixed division ratio (4096) corresponds to the
minimum default value of CALCLK (0). The division ratio can
be decreased by increasing the value of CALCLK. Each increase
in the value of CALCLK reduces the DAC clock division factor
(and, therefore, the time made available to self-calibration) by
50%. With CALCLK at its maximum value (7), the divide ratio
declines to its minimum value (32).
With CALCLK at its default value, self-calibration requires
approximately 100 ms at a DAC clock frequency of 100 MHz.
This time can be reduced to under 0.8 ms if CALCLK = 7. Time
scales relative to DAC clock frequency.
Performance Effects of Calibration
Harmonic distortion for low frequency outputs is primarily a
function of DAC linearity. Figure 10 to Figure 12 show the
harmonic distortion performance of the AD9726.
Figure 10 shows a 1 MHz full-scale output tone. The output
drives a unique low-pass and high-pass filter called a diplexer.
This type of filter presents a uniform 50 Ω load to the DAC and
splits the output signal into low and high frequency paths. The
diplexer's low-pass output passes the 1 MHz fundamental but
attenuates higher frequencies, and the diplexer's high-pass out-
put passes higher frequencies and attenuates the 1 MHz funda-
mental. Figure 10 also shows the diplexer's low-pass output.
Here the noise floor is higher than the harmonic distortion
because with a high power input signal, attenuation is required
by the spectrum analyzer.
Figure 11 shows the diplexer's high pass output where the
attenuated input signal can be seen. The spectrum analyzer
attenuation has also been reduced, which lowers the noise
floor. Harmonic products at integer multiples of the funda-
mental are thus revealed. This is the response using the
AD9726 in an uncalibrated state.
Figure 12 shows a response using the AD9726 in a calibrated
state. Harmonic distortion due to the nonlinearities of the
digital-to-analog conversion have been virtually eliminated.
SYNC LOGIC OPERATION AND PROGRAMMING
Recall that a fixed set-up and hold timing relationship between
the data clock input and the data bus must be established and
maintained. Recall also that the data bus and the DAC clock
must be frequency locked. Because of the sync logic, however,
the phase relationship between the data bus and the DAC clock
is internally optimized. Therefore, data arrival propagation
delays and concern about data transitions near the sampling
instant are eliminated.
Synchronization is automatically enabled upon reset. Once data
arrives and synchronization has been achieved, the sync logic
continuously monitors itself so that automatic adjustments are
made if phase drifts occur over time and/or temperature,
automatic adjustments are made.
Note that the sync function and operation of the sync logic
block are transparent, automatic, and ongoing. No programming
is required. For applications where it is useful, however, the
following programmable control is provided.
SYNC Operating States
The sync logic can operate in one of three possible modes. The
default mode is fully automatic.
Fully automatic synchronization is accomplished by demulti-
plexing the incoming data stream into four channels, each
containing every fourth data-word. Data-words are present for
four DAC clock cycles. Data is remultiplexed by sampling each
channel with the optimum DAC clock cycle.
Initial synchronization is first established through a hardware
reset. This also fully enables the synchronization logic to mon-
itor and resynchronize, as necessary. The AD9726 resynchro-
nizes only if conditions change enough to alter the phase
between the data bus and the DAC clock by more than one full
clock cycle. In this event, an internal alarm occurs and is
followed by an automatic update. During resynchronization,
two data-words are typically lost or repeated.
In addition to fully automatic mode, two semi-automatic modes
are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com