Electronic Components Datasheet Search
  English  ▼

X  

AD9726 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9726
Description  16-Bit, 600 MSPS D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726 Datasheet(HTML) 1 Page - Analog Devices

  AD9726 Datasheet HTML 1Page - Analog Devices AD9726 Datasheet HTML 2Page - Analog Devices AD9726 Datasheet HTML 3Page - Analog Devices AD9726 Datasheet HTML 4Page - Analog Devices AD9726 Datasheet HTML 5Page - Analog Devices AD9726 Datasheet HTML 6Page - Analog Devices AD9726 Datasheet HTML 7Page - Analog Devices AD9726 Datasheet HTML 8Page - Analog Devices AD9726 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
16-Bit, 400 MSPS
D/A Converter
AD9726
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Dynamic performance
SFDR ≥ 78 dBc @ fOUT = 20 MHz
IMD ≥ 82 dBc @ fOUT = 70 MHz
ACLR ≥ 76 dBc @ fOUT = 70 MHz
NSD ≤ –160 dB/Hz @ fOUT = 70 MHz
Precision calibrated linearity
DNL ≤ ±0.5 LSB @ +25°C
INL ≤ ±1.0 LSB @ +25°C
THD ≤ –95 dB @ fOUT = 1 MHz
LVDS inputs with internal 100 Ω terminations
Automatic data/clock timing synchronization
Single data rate or double data rate capable
Differential current outputs
Internal precision reference
Operates on 2.5 V and 3.3 V supplies
Extended industrial temperature range
Thermally enhanced, 80-lead, lead-free TQFP_EP package
APPLICATIONS
Instrumentation
Test equipment
Waveform synthesis
Communications systems
FUNCTIONAL BLOCK DIAGRAM
INTERNAL
REFERENCE
CALIBRATION
MEMORY
LVDS OUTPUT
DRIVER
SPI
CSB
SDIO
SDO
RESET
IOUTA
IOUTB
REFIO
FSADJ
SCLK
CLK+
CLK–
DCLK_OUT+
DCLK_OUT–
DB[15]+
DB[15]–
DB[0]+
DB[0]–
DCLK_IN+
DCLK_IN–
CLOCK DISTRIBUTION
AND CONTROL
16-BIT
DAC
Figure 1.
.
GENERAL DESCRIPTION
The AD9726 is a 16-bit digital-to-analog converter (DAC)
that offers leading edge performance at conversion rates up to
400 MSPS. The device uses low voltage differential signaling
(LVDS) inputs and includes internal 100 Ω terminations. The
analog output can be single-ended or differential current. An
internal precision reference is included.
The AD9726 also features synchronization logic to monitor and
optimizes the timing between incoming data and the sample clock.
This reduces system complexity and simplifies timing require-
ments. An LVDS clock output is also available to drive an external
data pump in either single data rate (SDR) or double data rate
(DDR) mode.
All device operation is fully programmable using the flexible
serial port interface (SPI). The AD9726 is also fully functional
in its default state for applications without a controller.
PRODUCT HIGHLIGHTS
1.
A unique combination of precision and performance
makes the AD9726 equally suited to applications with
demanding frequency domain or demanding time domain
requirements.
2.
Nonvolatile factory calibration assures a highly linear
transfer function. Internal logic offers on demand self-
calibration for linearity even at extended operating
temperatures.
3.
Proprietary architecture minimizes data dependent,
discrete mixing spurs and offers enhanced dynamic
performance over a wide range of output frequencies.
High input data rates create a very high frequency
synthesis bandwidth.
4.
The fully automatic, transparent synchronizer maintains
optimized timing between clock and data in real time and
offers programmable control options for added flexibility.
5.
Full-scale output current is external resistor programmable.


Similar Part No. - AD9726

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9726-EBZ AD-AD9726-EBZ Datasheet
411Kb / 24P
16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726BSVZRL AD-AD9726BSVZRL Datasheet
411Kb / 24P
16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726 AD-AD9726_15 Datasheet
411Kb / 24P
16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
More results

Similar Description - AD9726

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD768 AD-AD768 Datasheet
334Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV.B
AD9725 AD-AD9725 Datasheet
267Kb / 16P
14-Bit, 600 MSPS D/A Converter
AD10678 AD-AD10678 Datasheet
673Kb / 10P
16-Bit, 80 MSPS A/D Converter
12/03-Data sheet changed from REV. 0 to REV.A
AD10677 AD-AD10677 Datasheet
643Kb / 10P
16-Bit, 65 MSPS A/D Converter
12/03-Data sheet changed from REV. A to REV.B
logo
Cadeka Microcircuits LL...
SPT8100 CADEKA-SPT8100 Datasheet
180Kb / 10P
16-BIT, 5 MSPS CMOS A/D CONVERTER
logo
Analog Devices
AD768ARZ AD-AD768ARZ Datasheet
252Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV. B
AD768 AD-AD768_15 Datasheet
337Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV. B
AD10677 AD-AD10677_15 Datasheet
625Kb / 20P
16-Bit, 65 MSPS A/D Converter
Rev. D
AD9725 AD-AD9725_15 Datasheet
273Kb / 16P
14-Bit, 600 MSPS D/A Converter
Rev. PrA
AD10678 AD-AD10678_15 Datasheet
677Kb / 20P
16-Bit, 80 MSPS A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com