Electronic Components Datasheet Search
  English  ▼

X  

ADF7020 Datasheet(PDF) 40 Page - Analog Devices

Part # ADF7020
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADF7020 Datasheet HTML 32Page - Analog Devices ADF7020 Datasheet HTML 33Page - Analog Devices ADF7020 Datasheet HTML 34Page - Analog Devices ADF7020 Datasheet HTML 35Page - Analog Devices ADF7020 Datasheet HTML 36Page - Analog Devices ADF7020 Datasheet HTML 37Page - Analog Devices ADF7020 Datasheet HTML 38Page - Analog Devices ADF7020 Datasheet HTML 39Page - Analog Devices ADF7020 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
ADF7020
Preliminary Technical Data
Rev. PrH | Page 40 of 40
OUTLINE DIMENSIONS
SEATING
PLANE
1.50
1.45
1.40
COPLANARITY
0.05
0.05 MAX
0.02 NOM
0.35
0.20
0.25
5.25
4.70 SQ
2.25
0.50
BSC
5.50 BSC
BOTTOM
VIEW
PIN 1
INDICATOR
TOP
VIEW
0.55
0.50
0.45
7.00
BSC SQ
0.25 MIN
0.25
MIN
1
12
13
24
25
36
37
48
Figure 42. 48-Lead Micro Lead Frame Chip Scale Package [MLFCSP]
(CP-48M)
7 mm × 7 mm Body
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADF7020BCP
−40°C to +85°C
48-Lead Micro Lead Frame Chip Scale Package [MLFCSP]
CP-48M
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR01975–0–6/04(PrH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com