Electronic Components Datasheet Search
  English  ▼

X  

ADF7020 Datasheet(PDF) 38 Page - Analog Devices

Part # ADF7020
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADF7020 Datasheet HTML 32Page - Analog Devices ADF7020 Datasheet HTML 33Page - Analog Devices ADF7020 Datasheet HTML 34Page - Analog Devices ADF7020 Datasheet HTML 35Page - Analog Devices ADF7020 Datasheet HTML 36Page - Analog Devices ADF7020 Datasheet HTML 37Page - Analog Devices ADF7020 Datasheet HTML 38Page - Analog Devices ADF7020 Datasheet HTML 39Page - Analog Devices ADF7020 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
ADF7020
Preliminary Technical Data
Rev. PrH | Page 38 of 40
REGISTER 12—TEST REGISTER
DIGITAL
TEST MODES
Σ-∆
TEST MODES
ANALOG TEST
MUX
IMAGE FILTER ADJUST
PLL TEST MODES
ADDRESS
BITS
P
0
1
PRESCALER
4/5 (DEFAULT)
8/9
CR1
0
1
COUNTER RESET
DEFAULT
RESET
CS1
0
1
CAL SOURCE
INTERNAL
SERIAL IF BW CAL
DEFAULT = 32. INCREASE
NUMBER TO INCREASE BW
IF USER CAL ON
Figure 40.
Using the Test DAC on the ADF7020 to Implement
Analog FM DEMOD and Measuring SNR
The test DAC allows the output of the postdemodulator filter
for both the linear and correlator/demodulators (Figure 16 and
Figure 17) to be viewed externally. It takes the 16-bit filter
output and converts it to a high frequency, single-bit output
using a second-order error feedback Σ-∆ converter. The output
can be viewed on the XCLKOUT pin. This signal, when IF filtered
appropriately, can then be used to
•
Monitor the signals at the FSK/ASK postdemodulator filter
output. This allows the demodulator output SNR to be
measured. Eye diagrams can also be constructed of the
received bit stream to measure the received signal quality.
•
Provide analog FM demodulation.
While the correlators and filters are clocked by DEMOD_CLK,
CDR_CLK clocks the test DAC. Note that, although the test
DAC functions in a regular user mode, the best performance is
achieved when the CDR_CLK is increased up to or above the
frequency of DEMOD_CLK. The CDR block does not function
when this condition exists.
Programming the test register, Register 12, enables the test DAC.
Both the linear and correlator/demodulator outputs can be
multiplexed into the DAC.
Register 13 allows a fixed offset term to be removed from the
signal (to remove the IF component in the ddt case). It also has
a signal gain term to allow the usage of the maximum dynamic
range of the DAC.
Setting Up the Test DAC
•
Digital test modes = 7: enables the test DAC, with no offset
removal.
•
Digital test modes = 10: enables the test DAC, with offset
removal.
The output of the active demodulator drives the DAC, that is, if
the FSK correlator/demodulator is selected, the correlator filter
output drives the DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com