Electronic Components Datasheet Search
  English  ▼

X  

ADF7020 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF7020
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF7020 Datasheet HTML 3Page - Analog Devices ADF7020 Datasheet HTML 4Page - Analog Devices ADF7020 Datasheet HTML 5Page - Analog Devices ADF7020 Datasheet HTML 6Page - Analog Devices ADF7020 Datasheet HTML 7Page - Analog Devices ADF7020 Datasheet HTML 8Page - Analog Devices ADF7020 Datasheet HTML 9Page - Analog Devices ADF7020 Datasheet HTML 10Page - Analog Devices ADF7020 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Preliminary Technical Data
ADF7020
Rev. PrH | Page 7 of 40
TIMING CHARACTERISTICS
VDD = 3 V ± 10%; VGND = 0 V, TA = 25°C, unless otherwise noted.
Guaranteed by design, but not production tested.
Table 2.
Parameter
Limit at TMIN to TMAX
Unit
Test Conditions/Comments
t1
<10
ns
SDATA to SCLK Setup Time
t2
<10
ns
SDATA to SCLK Hold Time
t3
<25
ns
SCLK High Duration
t4
<25
ns
SCLK Low Duration
t5
<10
ns
SCLK to SLE Setup Time
t6
<20
ns
SLE Pulse Width
t7
<TBD
ns
SLE to SCLK Setup Time, Readback
t8
<TBD
ns
SCLK to SREAD Data Valid, Readback
t9
<TBD
ns
SREAD Hold Time after SCLK, Readback
t10
<TBD
ns
SCLK to SLE Disable Time, Readback
SCLK
SLE
DB31 (MSB)
DB30
DB2
DB1
(CONTROL BIT C2)
SDATA
DB0 (LSB)
(CONTROL BIT C1)
t6
t1
t2
t3
t4
t5
Figure 2. Serial Interface Timing Diagram
t8
t3
t1
t2
t10
t9
X
RV16
RV15
RV2
RV1
SCLK
SDATA
SLE
SREAD
REG7 DB0
(CONTROL BIT C1)
Figure 3. Readback Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com