Electronic Components Datasheet Search
  English  ▼

X  

ADF7020 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF7020
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF7020 Datasheet HTML 12Page - Analog Devices ADF7020 Datasheet HTML 13Page - Analog Devices ADF7020 Datasheet HTML 14Page - Analog Devices ADF7020 Datasheet HTML 15Page - Analog Devices ADF7020 Datasheet HTML 16Page - Analog Devices ADF7020 Datasheet HTML 17Page - Analog Devices ADF7020 Datasheet HTML 18Page - Analog Devices ADF7020 Datasheet HTML 19Page - Analog Devices ADF7020 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
ADF7020
Preliminary Technical Data
Rev. PrH | Page 16 of 40
RECEIVER SECTION
RF FRONT END
The ADF7020 is based on a fully integrated, low IF receiver
architecture. The low IF architecture facilitates a very low
external component count and does not suffer from power-line-
induced interference problems.
Figure 14 shows the structure of the receiver front end. The
many programming options allow users to trade off sensitivity,
linearity, and current consumption against each other in the
way best suitable for their applications. To achieve a high level
of resilience against spurious reception, the LNA features a
differential input. Switch SW2 shorts the LNA input when
transmit mode is selected (R0_DB27 = 0). This feature
facilitates the design of a combined LNA/PA matching network,
avoiding the need for an external Rx/Tx switch. See the LNA/PA
Matching section for details on the design of the matching
network.
SW2
LNA
RFIN
RFINB
Tx/Rx SELECT
[R0_DB27]
LNA MODE
[R6_DB15]
LNA CURRENT
[R6_DB(16:17)]
MIXER LINEARITY
[R6_DB18]
LO
I (TO FILTER)
Q (TO FILTER)
LNA GAIN
[R9_DB(20:21)]
LNA/MIXER ENABLE
[R8_DB6]
Figure 14. ADF7020 RF Front End
The LNA is followed by a quadrature downconversion mixer,
which converts the RF signal to the IF frequency of 200 kHz. It
is important to consider that the output frequency of the
synthesizer must be programmed to a value 200 kHz below the
center frequency of the received channel.
The LNA has two basic operating modes: high gain/low noise
mode and low gain/low power mode. To switch between these
two modes, use the LNA_mode bit, R6_DB15. The mixer is also
configurable between a low current and an enhanced linearity
mode using the mixer_linearity bit, R6_DB18.
Based on the specific sensitivity and linearity requirements of
the application, it is recommended to adjust control bits
LNA_mode (R6_DB15) and mixer_linearity (R6_DB18) as
outlined in Table 5.
The gain of the LNA is configured by the LNA_gain field,
R9_DB(20:21), and can be set by either the user or the AGC
logic.
IF Filter Settings/Calibration
Out-of-band interference is rejected by means of a fourth-order
Butterworth polyphase IF filter centered around a frequency of
200 kHz. The bandwidth of the IF filter can be programmed
between 100 kHz and 200 kHz by means of Control Bits
R1_DB(22:23), and should be chosen as a compromise between
interference rejection, attenuation of the desired signal, and the
AFC pull-in range.
To compensate for manufacturing tolerances, the IF filter
should be calibrated once after power-up. The IF filter
calibration logic requires that the IF filter divider in Bits
R6_DB(20:28) be set dependent on the crystal frequency. Once
initiated by setting Bit R6_DB19, the calibration is performed
automatically without any user intervention. The calibration
time is 200 µs, during which the ADF7020 should not be
accessed. It is important not to initiate the calibration cycle
before the crystal oscillator has fully settled. If the AGC loop is
disabled, the gain of IF filter can be set to three levels using the
filter_gain field, R9_DB(20:21). The filter gain is adjusted
automatically, if the AGC loop is enabled.
The signal in the image channel of the low IF mixer, located at a
frequency of 400 kHz below the desired channel, is rejected due
to the image rejection of the polyphase filter. The image
rejection performance of the IF filter is subject to manufactur-
ing tolerances, and, to some extent, temperature drift. To
improve the image rejection, a calibration procedure can be
performed as outlined in the Image Rejection Calibration
section.
Table 5. LNA/Mixer Modes
Receiver Mode
LNA Mode
(R6_DB15)
LNA Gain Value
R9_DB(21:20)
Mixer Linearity
(R6_DB18)
Sensitivity
(DR = 9.6 kbps,
fDEV = 10 kHz)
Rx Current
Consumption
(mA)
Input IP3 (dBm)
High Sensitivity Mode
(default)
0
30
0
−110.5
22
−35
RxMode2
1
10
0
−104
20
−15.9
Low Current Mode
1
3
0
−91
19
−3.2
Enhanced Linearity Mode
1
3
1
−101
19
6.8
RxMode5
1
10
1
TBD
TBD
−8.25
RxMode6
0
30
1
TBD
TBD
−28.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com