Electronic Components Datasheet Search
  English  ▼

X  

ADF7020 Datasheet(PDF) 14 Page - Analog Devices

Part # ADF7020
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF7020 Datasheet HTML 10Page - Analog Devices ADF7020 Datasheet HTML 11Page - Analog Devices ADF7020 Datasheet HTML 12Page - Analog Devices ADF7020 Datasheet HTML 13Page - Analog Devices ADF7020 Datasheet HTML 14Page - Analog Devices ADF7020 Datasheet HTML 15Page - Analog Devices ADF7020 Datasheet HTML 16Page - Analog Devices ADF7020 Datasheet HTML 17Page - Analog Devices ADF7020 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
ADF7020
Preliminary Technical Data
Rev. PrH | Page 14 of 40
TRANSMITTER
RF OUTPUT STAGE
The PA of the ADF7020 is based on a single-ended, controlled
current, open-drain amplifier that has been designed to deliver
up to 13 dBm into a 50 Ω load at a maximum frequency of
928 MHz.
The PA output current and, consequently, the output power are
programmable over a wide range. The PA configurations in
FSK/GFSK and ASK/OOK modulation modes are shown in
Figure 11 and Figure 12, respectively. In FSK/GFSK modulation
mode, the output power is independent of the state of the
DATA_IO pin. In ASK/OOK modulation mode, it is dependent
on the state of the DATA_IO pin and Bit R2_DB29, which
selects the polarity of the TxData input. For each transmission
mode, the output power can be adjusted as follows:
•
FSK/GFSK: The output power is set using bits
R2_DB(9:14).
•
ASK: The output power for the inactive state of the TxData
input is set by Bits R2_DB(15:20). The output power for the
active state of the TxData input is set by Bits R2_DB(9:14).
•
OOK: The output power for the active state of the TxData
input is set by Bits R2_DB(9:14). The PA is muted when the
TxData input is inactive.
IDAC
2
6
R2_DB(9:14)
R2_DB4
R2_DB5
DIGITAL
LOCK DETECT
R2_DB(30:31)
+
RFGND
RFOUT
FROM VCO
Figure 11. PA Configuration in FSK/GFSK Mode
IDAC
R2_DB(9:14)
R2_DB(15:23)
R2_DB4
R2_DB5
DIGITAL
LOCK DETECT
R2_DB(30:31)
R2_DB29
+
RFGND
RFOUT
FROM VCO
6
6
6
0
ASK/OOK MODE
DATA I/O
Figure 12. PA Configuration in ASK/OOK Mode
The PA is equipped with overvoltage protection, which makes it
robust in severe mismatch conditions. Depending on the
application, one can design a matching network for the PA to
exhibit optimum efficiency at the desired radiated output power
level for a wide range of different antennas, such as loop or
monopole antennas. See the LNA/PA Matching section for
details.
PA Bias Currents and Mute PA until Lock Bit
Control Bits R2_DB(30:31) facilitate an adjustment of the PA
bias current to further extend the output power control range, if
necessary. If this feature is not required, the default value of
7 µA is recommended. The output stage is powered down by
resetting Bit R2_DB4. To reduce the level of undesired spurious
emissions, the PA can be muted during the PLL lock phase by
setting Bit R2_DB5 (mute PA until lock bit).
MODULATION SCHEMES
Frequency Shift Keying (FSK)
Frequency shift keying is implemented by setting the N value
for the center frequency and then toggling this with the TxData
line. The deviation from the center frequency is set using Bits
R2_DB(15:23). The deviation from the center frequency in Hz
is
14
2
Hz]
[
Number
Modulation
PFD
FSK
DEVIATION
×
=
where Modulation Number is a number from 1 to 511
(R2_DB(15:23)) .
Select FSK using Bits R2_DB(6:8).
VCO
÷N
THIRD-ORDER
Σ-∆ MODULATOR
PFD/
CHARGE
PUMP
4R
INTEGER-N
FRACTIONAL-N
PA STAGE
–FDEV
+FDEV
TxDATA
FSK DEVIATION
FREQUENCY
Figure 13. FSK Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com