Electronic Components Datasheet Search
  English  ▼

X  

ADF7020 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF7020
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020 Datasheet(HTML) 4 Page - Analog Devices

  ADF7020 Datasheet HTML 1Page - Analog Devices ADF7020 Datasheet HTML 2Page - Analog Devices ADF7020 Datasheet HTML 3Page - Analog Devices ADF7020 Datasheet HTML 4Page - Analog Devices ADF7020 Datasheet HTML 5Page - Analog Devices ADF7020 Datasheet HTML 6Page - Analog Devices ADF7020 Datasheet HTML 7Page - Analog Devices ADF7020 Datasheet HTML 8Page - Analog Devices ADF7020 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ADF7020
Preliminary Technical Data
Rev. PrH | Page 4 of 40
SPECIFICATIONS
VDD = 2.3 V to 3.6 V, GND = 0 V, TA = TMIN to TMAX, unless otherwise noted.
Typical specifications are at VDD = 3 V, TA = 25°C.
All measurements are performed using the test circuit in Figure TBD using PN9 data sequence, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions
RF CHARACTERISTICS
Frequency Ranges
862
928
MHz
Frequency Ranges (Divide-by-2 Mode)
433
464
MHz
Phase Frequency Detector Frequency
RF/256
20
MHz
TRANSMISSION PARAMETERS
Data Rate FSK/GFSK
0.3
200
kbps
Data Rate OOK/ASK
0.3
641
kbps
Frequency Shift Keying
GFSK/FSK Frequency Deviation2, 3
1
110
kHz
PFD = 3.625 MHz
4.88
620
kHz
PFD = 20 MHz
Deviation Frequency Resolution
100
Hz
PFD = 3.625 MHz
Gaussian Filter BT
0.5
Adjacent Channel Power, GFSK
TBD
dBc
Channel spacing = 25 kHz, measured in
adjacent channel ± 8.5 kHz from center;
DR = 4.8 kbps, FDEV = 2.4 kHz,
FRF = 868 MHz
−50
dBc
868.95 MHz ± 250 kHz, DR = 38.4 kbps,
FDEV = 19.2 kHz
Amplitude Shift Keying
ASK Modulation Depth
30
dB
OOK –PA Off Feedthrough
−50
dBm
Transmit Power4
−20
+13
dBm
FRF = 915 MHz, VDD = 3.0 V, TA = 25°C
TBD
dBm
FRF = 868 MHz, VDD = 3.0 V, TA = 25°C
TBD
dBm
FRF = 433 MHz, VDD = 3.0 V, TA = 25°C
Transmit Power Variation
Highest Power Setting
TBD
dBm
FRF = 915 MHz, VDD = 3.6 V
13
dBm
FRF = 915 MHz, VDD = 3.0 V
TBD
dBm
FRF = 915 MHz, VDD = 2.3 V
Transmit Power Flatness
TBD
dB
From 902 MHz to 928 MHz
Programmable Step Size
−20 dBm to +13 dBm
0.3125
dB
Spurious Emissions during PLL Settling
−57
dBm
Mute PA until lock enabled (R2_DB5 =1 )
Integer Boundary
−55
dBc
50 kHz loop BW
Reference
−65
dBc
Harmonics
Second Harmonic
−27
−18
dBc
Third Harmonic
−21
−18
dBc
All Other Harmonics
−35
dBc
VCO Frequency Pulling, OOK mod
TBD
kHz rms
DR = 9.6 kbps
Optimum PA Load Impedance5
TBD
Ω
FRF = 915 MHz
TBD
Ω
FRF = 868 MHz
TBD
Ω
FRF = 433 MHz
RECEIVER PARAMETERS
FSK Input Sensitivity6
At BER = 1E − 3, FRF = 915 MHz
High Sensitivity Mode
−117.5
dBm
DR = 1 kbps, FDEV = 5 kHz
Low Current Mode
−TBD
dBm
DR = 1 kbps, FDEV = 5 kHz
See notes at end of table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com