Electronic Components Datasheet Search
  English  ▼

X  

ADF7020 Datasheet(PDF) 19 Page - Analog Devices

Part # ADF7020
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF7020 Datasheet HTML 15Page - Analog Devices ADF7020 Datasheet HTML 16Page - Analog Devices ADF7020 Datasheet HTML 17Page - Analog Devices ADF7020 Datasheet HTML 18Page - Analog Devices ADF7020 Datasheet HTML 19Page - Analog Devices ADF7020 Datasheet HTML 20Page - Analog Devices ADF7020 Datasheet HTML 21Page - Analog Devices ADF7020 Datasheet HTML 22Page - Analog Devices ADF7020 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Preliminary Technical Data
ADF7020
Rev. PrH | Page 19 of 40
LINEAR FSK DEMODULATOR
A block diagram of the linear FSK demodulator is shown in
Figure 17.
SLICER
FREQUENCY
IF
LEVEL
I
Q
LIMITER
7
MUX 1
ADC RSSI OUTPUT
LINEAR DISCRIMINATOR
DB(6:15)
FREQUENCY
READBACK
AND
AFC LOOP
Rx DATA
Figure 17. Block Diagram of Frequency Measurement System and
ASK.OOK/Linear FSK Demodulator
This method of frequency demodulation is useful when very
short preamble length is required and the system protocol
cannot support the overhead of the settling time of the internal
feedback AFC loop settling.
A digital frequency discriminator provides an output signal that
is linearly proportional to the frequency of the limiter outputs.
The discriminator output is then filtered and averaged using a
combined averaging filter and envelope detector. The demodu-
lated FSK data is recovered by threshold-detecting the output of
the averaging filter, as shown in Figure 17. In this mode, the
slicer output shown in Figure 17 is routed to the data synchro-
nizer PLL for clock synchronization. To enable the linear FSK
demodulator, set Bits R4_DB(4:5) to [00].
The 3 dB bandwidth of the postdemodulation filter is set in the
same way as the FSK correlator/demodulator, which is set in
R4_DB(6:15) and is defined as
CLK
DEMOD
F
Setting
BW
Demod
Post
CUTOFF
_
2
2
_
_
_
10
×
π
×
=
where:
FCUTOFF is the target 3 dB bandwidth in Hz of the
postdemodulator filter.
DEMOD_CLK is as defined in the Register 3—Receiver Clock
Register section, Note 2.
ASK/OOK Operation
ASK/OOK demodulation is activated by setting Bits
R4_DB(4:5) to [10].
Digital filtering and envelope detecting the digitized RSSI input
via MUX 1, as shown in Figure 17, perform ASK/OOK
demodulation. The bandwidth of the digital filter must be
optimized to remove any excess noise without causing ISI in the
received ASK/OOK signal.
The 3 dB bandwidth of this filter is typically set at approxi-
mately 0.75 times the user data rate and is assigned by R4
_DB(6:15) as
Post_Demod_BW_Setting =
DEMOD_CLK
F
CUTOFF
×
π
×2
2
10
where FCUTOFF is the target 3 dB bandwidth in Hz of the
postdemodulator filter.
AFC SECTION
The ADF7020 supports a real-time AFC loop, which is used to
remove frequency errors that can arise due to mismatches
between the transmit and receive crystals. This uses the
frequency discriminator block, as described in the Linear FSK
Demodulator section (see Figure 17). The discriminator output
is filtered and averaged to remove the FSK frequency
modulation using a combined averaging filter and envelope
detector. In FSK mode, the output of the envelope detector
provides an estimate of the average IF frequency.
Two methods of AFC, external and internal, are supported on
the ADF7020 (in FSK mode only).
External AFC
The user reads back the frequency information through the
ADF7020 serial port and applies a frequency correction value to
the fractional-N synthesizer’s N divider.
The frequency information is obtained by reading the 16-bit
signed AFC_readback, as described in the Readback Format
section, and applying the following formula:
FREQ_RB [Hz] = (AFC_READBACK × DEMOD_CLK)/215
Note that while the AFC_READBACK value is a signed number,
under normal operating conditions it is positive. In the absence
of frequency errors, the FREQ_RB value is equal to the IF
frequency of 200 kHz.
Internal AFC
The ADF7020 supports a real-time internal automatic
frequency control loop. In this mode, an internal control loop
automatically monitors the frequency error and adjusts the
synthesizer N divider using an internal PI control loop.
The internal AFC control loop parameters are controlled in
Register 11. The internal AFC loop is activated by setting
R11_DB20 to 1. A scaling coefficient must also be entered,
based on the crystal frequency in use. This is set up in
R11_DB(4:19) and should be calculated using
AFC_Scaling_Coefficient = (500 × 224)/XTAL
Therefore, using a 10 MHz XTAL yields an AFC scaling
coefficient of 839.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com