Electronic Components Datasheet Search
  English  ▼

X  

ADF7020 Datasheet(PDF) 31 Page - Analog Devices

Part # ADF7020
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADF7020 Datasheet HTML 27Page - Analog Devices ADF7020 Datasheet HTML 28Page - Analog Devices ADF7020 Datasheet HTML 29Page - Analog Devices ADF7020 Datasheet HTML 30Page - Analog Devices ADF7020 Datasheet HTML 31Page - Analog Devices ADF7020 Datasheet HTML 32Page - Analog Devices ADF7020 Datasheet HTML 33Page - Analog Devices ADF7020 Datasheet HTML 34Page - Analog Devices ADF7020 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Preliminary Technical Data
ADF7020
Rev. PrH | Page 31 of 40
REGISTER 4—DEMODULATOR SETUP REGISTER
DEMODULATOR LOCK SETTING
POSTDEMODULATOR BW
ADDRESS
BITS
DS2
0
0
1
1
DS1
0
1
0
1
DEMODULATOR
TYPE
LINEAR DEMODULATOR
CORRELATOR/DEMODULATOR
ASK/OOK
INVALID
LM2
0
0
0
0
1
1
DEMOD MODE
0
1
2
3
4
5
LM1
0
0
1
1
0
1
DEMOD LOCK/SYNC WORD MATCH
SERIAL PORT CONTROL – FREE RUNNING
SERIAL PORT CONTROL – LOCK THRESHOLD
SYNC WORD DETECT – FREE RUNNING
SYNC WORD DETECT – LOCK THRESHOLD
INTERRUPT/LOCK PIN LOCKS THRESHOLD
DEMOD LOCKED AFTER DL8–DL1 BITS
INT/LOCK PIN
–
–
OUTPUT
OUTPUT
INPUT
–
DL8
0
1
0
1
X
DL8
DL7
0
0
0
.
1
1
DL8
0
0
0
.
1
1
DL3
0
0
0
.
1
1
...
...
...
...
...
...
...
DL2
0
0
1
.
1
1
DL1
0
1
0
.
0
1
LOCK_THRESHOLD_TIMEOUT
0
1
2
.
254
255
MODE5 ONLY
Figure 32.
Notes :
1.
The cutoff frequency of the postdemodulator filter should typically be 0.75 times the data rate.
2.
Demodulator modes 1, 3, 4, and 5 are modes that can be activated to allow the ADF7020 to demodulate data-encoding schemes that have run-length constraints
greater than 7.
3.
Post_Demod_BW = 211 π FCUTOFF/DEMOD_CLK.
4.
For Mode 5, the timeout delay to lock threshold = (LOCK_THRESHOLD_SETTING)/SEQ_CLK, where SEQ_CLK is defined in the Register 3—Receiver Clock Register
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com