Electronic Components Datasheet Search
  English  ▼

X  

ADF7020 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF7020
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF7020 Datasheet HTML 6Page - Analog Devices ADF7020 Datasheet HTML 7Page - Analog Devices ADF7020 Datasheet HTML 8Page - Analog Devices ADF7020 Datasheet HTML 9Page - Analog Devices ADF7020 Datasheet HTML 10Page - Analog Devices ADF7020 Datasheet HTML 11Page - Analog Devices ADF7020 Datasheet HTML 12Page - Analog Devices ADF7020 Datasheet HTML 13Page - Analog Devices ADF7020 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ADF7020
Preliminary Technical Data
Rev. PrH | Page 10 of 40
Pin No.
Mnemonic
Function
29
GND2
Ground for Digital Section.
30
ADCIN
Analog-to-Digital Converter Input. The internal 7-bit ADC can be accessed through this pin. Full scale is 0 to
1.9 V. Readback is made using the SREAD pin.
31
VREG2
Regulator Voltage for Digital Block. A 100 nF capacitor should be placed between this pin and ground for
regulator stability and noise rejection.
32
VDD2
Voltage Supply for Digital Block. A decoupling capacitor (X7R or Tantalum) of 0.01 µF should be placed as
close as possible to this pin.
33
INT/LOCK
Bidirectional Pin. In output mode (INTerrupt mode), the ADF7020 asserts the INT/ LOCK pin when it has found
a match for the preamble sequence.
In input mode (lock mode), the microcontroller can be used to lock the demodulator threshold when a valid
preamble has been detected. Once the threshold is locked, NRZ data can be reliably received. In this mode, a
demod lock can be asserted with minimum delay.
34
DATA I/O
Transmit Data Input/Received Data Output. This is a digital pin and normal CMOS levels apply.
35
DATA CLK
In receive mode, the pin outputs the synchronized data clock. The positive clock edge is matched to the
center of the received data.
In GFSK transmit mode, the pin outputs an accurate clock to latch the data from the microcontroller into the
transmit section at the exact required data rate. See the Gaussian Frequency Shift Keying (GFSK) section.
36
CLKOUT
A Divided-Down Version of the Crystal Reference with Output Driver. The digital clock output can be used to
drive several other CMOS inputs such as a microcontroller clock. The output has a 50:50 mark-space ratio.
37
MUXOUT
This pin provides the Lock_Detect signal, which is used to determine if the PLL is locked to the correct
frequency. Other signals include Regulator_Ready, which is an indicator of the status of the serial interface
regulator.
38
OSC2
The reference crystal should be connected between this pin and OSC1. A TCXO reference can be used by
driving this pin with CMOS levels and disabling the crystal oscillator.
39
OSC1
The reference crystal should be connected between this pin and OSC2.
40
VDD3
Voltage Supply for the Charge Pump and PLL Dividers. This pin should be decoupled to ground with a
0.01 µF capacitor.
41
VREG3
Regulator Voltage for Charge Pump and PLL Dividers. A 100 nF capacitor should be placed between this pin
and ground for regulator stability and noise rejection.
42
CPOUT
Charge Pump Output. This output generates current pulses that are integrated in the loop filter. The
integrated current changes the control voltage on the input to the VCO.
43
VDD
Voltage Supply for VCO Tank Circuit. This pin should be decoupled to ground with a 0.01 µF capacitor.
44–47
GND
Grounds for VCO Block.
48
CVCO
A 22 nF capacitor should be placed between this pin and VREG1 to reduce VCO noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com