Electronic Components Datasheet Search
  English  ▼

X  

ADF7020 Datasheet(PDF) 33 Page - Analog Devices

Part # ADF7020
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADF7020 Datasheet HTML 29Page - Analog Devices ADF7020 Datasheet HTML 30Page - Analog Devices ADF7020 Datasheet HTML 31Page - Analog Devices ADF7020 Datasheet HTML 32Page - Analog Devices ADF7020 Datasheet HTML 33Page - Analog Devices ADF7020 Datasheet HTML 34Page - Analog Devices ADF7020 Datasheet HTML 35Page - Analog Devices ADF7020 Datasheet HTML 36Page - Analog Devices ADF7020 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Preliminary Technical Data
ADF7020
Rev. PrH | Page 33 of 40
REGISTER 6—CORRELATOR/DEMODULATOR REGISTER
DEMOD
RESET
CDR
RESET
DISCRIMINATOR BW
IF FILTER DIVIDER
Rx
RESET
ADDRESS
BITS
RI1
0
1
RxDATA
INVERT
RxDATA
RxDATA
CA1
0
1
FILTER CAL
NO CAL
CALIBRATE
ML1
0
1
MIXER LINEARITY
DEFAULT
HIGH
DP1
0
1
DOT PRODUCT
CROSS PRODUCT
DOT PRODUCT
LG1
0
1
LNA MODE
DEFAULT
REDUCED GAIN
FC3
0
0
.
.
.
.
1
FC1
1
0
.
.
.
.
1
FILTER CLOCK
DIVIDE RATIO
1
2
.
.
.
.
511
FC2
0
1
.
.
.
.
1
FC9
0
0
.
.
.
.
1
FC6
0
0
.
.
.
.
1
.
.
.
.
.
.
.
.
FC5
0
0
.
.
.
.
1
FC4
0
0
.
.
.
.
1
LI2
0
LI1
0
LNA BIAS
800
µA (DEFAULT)
Figure 34.
Notes:
1.
See the FSK Correlator/Demodulator section for an example of how to determine register settings.
2.
Nonadherence to correlator programming guidelines results in poorer sensitivity.
3.
The filter clock is used to calibrate the IF filter. The filter clock divide ratio should be adjusted so that the frequency is 50 kHz. The formula is
XTAL/FILTER_CLOCK_DIVIDE.
4.
The filter should be calibrated only when the crystal oscillator is settled. The filter calibration is initiated every time Bit R6_DB19 is set high.
5.
Discriminator_BW = (DEMOD_CLK × K)/(800 × 103). See the FSK Correlator/Demodulator section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com