Electronic Components Datasheet Search
  English  ▼

X  

ADF7020 Datasheet(PDF) 34 Page - Analog Devices

Part # ADF7020
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADF7020 Datasheet HTML 30Page - Analog Devices ADF7020 Datasheet HTML 31Page - Analog Devices ADF7020 Datasheet HTML 32Page - Analog Devices ADF7020 Datasheet HTML 33Page - Analog Devices ADF7020 Datasheet HTML 34Page - Analog Devices ADF7020 Datasheet HTML 35Page - Analog Devices ADF7020 Datasheet HTML 36Page - Analog Devices ADF7020 Datasheet HTML 37Page - Analog Devices ADF7020 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
ADF7020
Preliminary Technical Data
Rev. PrH | Page 34 of 40
REGISTER 7—READBACK SETUP REGISTER
AD1
AD2
RB1
RB2
RB3
DB8
DB7
DB6
DB5
DB4
DB3
DB2
C2(1)
C1(1)
CONTROL
BITS
DB1
DB0
C3(1)
C4(0)
READBACK
SELECT
ADC
MODE
AD2
0
0
1
1
AD1
0
1
0
1
ADC MODE
MEASURE RSSI
BATTERY VOLTAGE
TEMP SENSOR
TO EXTERNAL PIN
RB2
0
0
1
1
RB1
0
1
0
1
READBACK MODE
AFC WORD
ADC OUTPUT
FILTER CAL
SILICON REV
RB3
0
1
READBACK
DISABLED
ENABLED
Figure 35.
Notes:
1.
Readback of the measured RSSI value is valid only in Rx mode. Readback of the battery voltage, the temperature sensor, and the voltage at the external pin is not
available in Rx mode, if the ASK demodulator is active or if AGC is enabled.
2.
Readback of the ADC value is valid in Tx mode only if the log amp/RSSI has not been disabled through the power-down bits R8_DB10. The log amp/RSSI section is
active per default upon enabling Tx mode.
3.
Readback of the AFC word is valid in Rx mode only if either the linear demodulator or the correlator/demodulator is active.
4.
See the Readback Format section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com