Electronic Components Datasheet Search
  English  ▼

X  

ADF7020 Datasheet(PDF) 22 Page - Analog Devices

Part # ADF7020
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF7020 Datasheet HTML 18Page - Analog Devices ADF7020 Datasheet HTML 19Page - Analog Devices ADF7020 Datasheet HTML 20Page - Analog Devices ADF7020 Datasheet HTML 21Page - Analog Devices ADF7020 Datasheet HTML 22Page - Analog Devices ADF7020 Datasheet HTML 23Page - Analog Devices ADF7020 Datasheet HTML 24Page - Analog Devices ADF7020 Datasheet HTML 25Page - Analog Devices ADF7020 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
ADF7020
Preliminary Technical Data
Rev. PrH | Page 22 of 40
accurate electrical model for the PC board. In this context, the
use of a suitable CAD package is strongly recommended. To
avoid this effort, the reference design provided for the ADF7020
RF module can be used.
As with the external Rx/Tx switch, an additional LPF or BPF
might be required to suppress harmonics in the transmit
spectrum or to improve the resilience of the receiver against
out-of-band interferers.
TRANSMIT PROTOCOL AND CODING
CONSIDERATIONS
PREAMBLE
SYNC
WORD
ID
FIELD
DATA FIELD
CRC
Figure 20. Typical Format of a Transmit Protocol
A dc-free preamble pattern is recommended for FSK/ASK/
OOK demodulation. The recommended preamble pattern is a
dc-free pattern such as a 10101010… pattern. Preamble patterns
with longer run-length constraints such as 11001100…. can also
be used. However, this results in a longer synchronization time
of the received bit stream in the receiver.
Manchester coding can be used for the entire transmit protocol.
However, the remaining fields that follow the preamble header
do not have to use dc-free coding. For these fields, the ADF7020
can accommodate coding schemes with a run-length of up to
6 bits without any performance degradation.
If longer run-length coding must be supported, the ADF7020
has several other features that can be activated. These involve a
range of programmable options that allow the envelope detector
output to be frozen after preamble acquisition.
IMAGE REJECTION CALIBRATION
The image channel in this receiver, with an IF at 200 kHz, is at
−200 kHz or +400 kHz below the desired signal. The polyphase
filter rejects this image with an asymmetric frequency response.
The image rejection performance of the receiver is dependent
on how well matched in amplitude the I and Q signals are, and
how perfect the quadrature is between them, that is, how close
to 90° apart they are. The uncalibrated image rejection perform-
ance is approximately 30 dB. However, it is possible to improve
on this performance by adjusting the I/Q phase/gain adjust bits
in Register 10, resulting in an image rejection of approximately
45 dB.
Bits R10_DB(24:27) adjust the relative phase of the signal
and Bits R10_DB(16:20) adjust the relative amplitude (see
Figure 20).
POLYPHASE
FILTER
LO Q
LO I
GAIN
PHASE
LNA
MIXERS
Figure 20. Phase/Gain Adjustment on ADF7020
DEVICE PROGRAMMING AFTER INITIAL
POWER-UP
Basic mode is the minimum number of write sequences to
power up the device. Enhanced mode uses the additional
features of the ADF7020 to tailor the part to a particular
application such as setting up a sync byte sequence or doing
automatic frequency control.
The sample setting is for the following setup:
FRF = 915 MHz, FSK, DR = 9.868 kbps, ICP = 1.44 mA
FDEV = 50 kHz, XTAL = 10 MHz, Correlator/Demodulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com