Electronic Components Datasheet Search
  English  ▼

X  

DSD1791 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DSD1791
Description  24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1791 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DSD1791 Datasheet HTML 13Page - Texas Instruments DSD1791 Datasheet HTML 14Page - Texas Instruments DSD1791 Datasheet HTML 15Page - Texas Instruments DSD1791 Datasheet HTML 16Page - Texas Instruments DSD1791 Datasheet HTML 17Page - Texas Instruments DSD1791 Datasheet HTML 18Page - Texas Instruments DSD1791 Datasheet HTML 19Page - Texas Instruments DSD1791 Datasheet HTML 20Page - Texas Instruments DSD1791 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
DSD1791
SLES072B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
17
AUDIO DATA INTERFACE
Audio Serial Interface
The audio interface port is a 3-wire serial port. It includes PLRCK (pin 1), PBCK (pin 2), and PDATA (pin 3). PBCK
is the serial audio bit clock, and it is used to clock the serial data present on PDATA into the serial shift register of
the audio interface. Serial data is clocked into the DSD1791 on the rising edge of PBCK. PLRCK is the serial audio
left/right word clock.
The DSD1791 requires the synchronization of PLRCK and the system clock, but does not need a specific phase
relationship between PLRCK and the system clock.
If the relationship between PLRCK and system clock changes more than
±6 PBCK, internal operation is initialized
within 1/fS and analog outputs are forced to the bipolar zero level until resynchronization between PLRCK and the
system clock is completed.
PCM Audio Data Formats and Timing
The DSD1791 supports industry-standard audio data formats, including standard right-justified, I2S, and left-justified.
The data formats are shown in Figure 28. Data formats are selected using the format bits, FMT[2:0], in control
register 18. The default data format is 24-bit I2S. All formats require binary 2s complement, MSB-first audio data.
Figure 27 shows a detailed timing diagram for the serial audio interface.
PDATA
t(BCH)
1.4 V
PBCK
PLRCK
t(BCL)
t(LB)
t(BCY)
t(DS)
t(DH)
1.4 V
1.4 V
t(BL)
PARAMETERS
MIN
MAX
UNITS
t(BCY)
PBCK pulse cycle time
70
ns
t(BCL)
PBCK pulse duration, LOW
30
ns
t(BCH)
PBCK pulse duration, HIGH
30
ns
t(BL)
PBCK rising edge to PLRCK edge
10
ns
t(LB)
PLRCK edge to PBCK rising edge
10
ns
t(DS)
PDATA setup time
10
ns
t(DH)
PDATA hold time
10
ns
—
PLRCK clock data
50%
± 2 bit clocks
Figure 27. Timing of Audio Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com