Electronic Components Datasheet Search
  English  ▼

X  

DSD1791 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # DSD1791
Description  24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1791 Datasheet(HTML) 48 Page - Texas Instruments

Back Button DSD1791 Datasheet HTML 44Page - Texas Instruments DSD1791 Datasheet HTML 45Page - Texas Instruments DSD1791 Datasheet HTML 46Page - Texas Instruments DSD1791 Datasheet HTML 47Page - Texas Instruments DSD1791 Datasheet HTML 48Page - Texas Instruments DSD1791 Datasheet HTML 49Page - Texas Instruments DSD1791 Datasheet HTML 50Page - Texas Instruments DSD1791 Datasheet HTML 51Page - Texas Instruments DSD1791 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
DSD1791
SLES072B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
48
t(DS)
t(COE)
BCK
LRCK
DI
DCI
DO
DCO
t(DH)
t(DOE)
t(DH)
t(DS)
t(BL)
t(LB)
t(BCY)
PARAMETER
MIN
MAX
UNITS
t(BCY) BCK pulse cycle time
20
ns
t(LB)
LRCK setup time
0
ns
t(BL)
LRCK hold time
3
ns
t(DS)
DI setup time
0
ns
t(DH)
DI hold time
3
ns
t(DS)
DCI setup time
0
ns
t(DH)
DCI hold time
3
ns
t(DOE) DO output delay(1)
8
ns
t(COE) DCO output delay(1)
6
ns
(1) Load capacitance is 10 pF.
Figure 59. AC Timing of Daisy Chain Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com