Electronic Components Datasheet Search
  English  ▼

X  

DSD1791 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DSD1791
Description  24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1791 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DSD1791 Datasheet HTML 17Page - Texas Instruments DSD1791 Datasheet HTML 18Page - Texas Instruments DSD1791 Datasheet HTML 19Page - Texas Instruments DSD1791 Datasheet HTML 20Page - Texas Instruments DSD1791 Datasheet HTML 21Page - Texas Instruments DSD1791 Datasheet HTML 22Page - Texas Instruments DSD1791 Datasheet HTML 23Page - Texas Instruments DSD1791 Datasheet HTML 24Page - Texas Instruments DSD1791 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
DSD1791
SLES072B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
21
t(MCH)
1.4 V
MS
t(MSS)
LSB
1.4 V
1.4 V
t(MCL)
t(MHH)
t(MSH)
t(MCY)
t(MDH)
t(MDS)
MC
MDI
50% of VDD
ZEROL
t(MOS)
PARAMETER
MIN
MAX
UNITS
t(MCY) MC pulse cycle time
100
ns
t(MCL) MC low-level time
40
ns
t(MCH) MC high-level time
40
ns
t(MHH) MS high-level time
80
ns
t(MSS) MS falling edge to MC rising edge
15
ns
t(MSH) MS hold time(1)
15
ns
t(MDH) MDI hold time
15
ns
t(MDS) MDI setup time
15
ns
t(MOS) MC falling edge to ZEROL stable
30
ns
(1) MC rising edge for LSB to MS rising edge
Figure 31. Control Interface Timing
MODE CONTROL REGISTERS
User-Programmable Mode Controls
The DSD1791 includes a number of user-programmable functions which are accessed via mode control registers.
The registers are programmed using the serial control interface, which was previously discussed in this data sheet.
Table 3 lists the available mode-control functions, along with their default reset conditions and associated register
index.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com