Electronic Components Datasheet Search
  English  ▼

X  

DSD1791 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DSD1791
Description  24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1791 Datasheet(HTML) 3 Page - Texas Instruments

  DSD1791 Datasheet HTML 1Page - Texas Instruments DSD1791 Datasheet HTML 2Page - Texas Instruments DSD1791 Datasheet HTML 3Page - Texas Instruments DSD1791 Datasheet HTML 4Page - Texas Instruments DSD1791 Datasheet HTML 5Page - Texas Instruments DSD1791 Datasheet HTML 6Page - Texas Instruments DSD1791 Datasheet HTML 7Page - Texas Instruments DSD1791 Datasheet HTML 8Page - Texas Instruments DSD1791 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
DSD1791
SLES072B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
3
ELECTRICAL CHARACTERISTICS (Continued)
all specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system clock = 256 fS, and 24-bit data, unless otherwise noted
PARAMETER
TEST CONDITIONS
DSD1791DB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Logic family
TTL compatible
VIH
Input logic level
2
VDC
VIL
Input logic level
0.8
VDC
IIH
Input logic current
VIN = VDD
10
A
IIL
Input logic current
VIN = 0 V
–10
µA
VOH
Output logic level
IOH = –2 mA
2.4
VDC
VOL
Output logic level
IOL = 2 mA
0.4
VDC
DYNAMIC PERFORMANCE (PCM MODE) (1)
fS = 44.1 kHz
0.001%
0.002%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.0015%
THD+N at VOUT = 0 dB
fS = 192 kHz
0.003%
EIAJ, A-weighted, fS = 44.1 kHz
110
113
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
113
dB
Dynamic range
EIAJ, A-weighted, fS = 192 kHz
113
dB
EIAJ, A-weighted, fS = 44.1 kHz
110
113
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
113
dB
Signal-to-noise ratio
EIAJ, A-weighted, fS = 192 kHz
113
dB
fS = 44.1 kHz
106
110
Channel separation
fS = 96 kHz
110
dB
Channel separation
fS = 192 kHz
109
dB
Level linearity error
VOUT = –120 dB
±1
dB
DYNAMIC PERFORMANCE (DSD MODE) (1) (2)
THD+N at VOUT = 0 dB
2.1 V rms
0.001%
Dynamic range
–60 dB, EIAJ, A-weighted
113
dB
Signal-to-noise ratio
EIAJ, A-weighted
113
dB
ANALOG OUTPUT
Gain error
–8
±3
8
% of FSR
Gain mismatch, channel-to-channel
–3
±0.5
3
% of FSR
Bipolar zero error
At BPZ
–2
±0.5
2
% of FSR
Differential output voltage (3)
Full scale (0 dB)
3.2
V p-p
Bipolar zero voltage (3)
At BPZ
1.4
V
Load impedance (3)
R1 = R2
1.7
k
Ω
(1) Dynamic performance and dc accuracy are specified at the output of the postamplifier as shown in Figure 33. Analog performance specifications
are measured using the System Two
t Cascade audio measurement system by Audio Precisiont in the averaging mode. For all
sampling-frequency operations, measurement bandwidth is limited with a 20-kHz AES17 filter.
(2) Analog performance in the DSD mode is specified as the DSD modulation index of 100%. This is equivalent to PCM mode performance at
44.1 kHz and 64 fS.
(3) These parameters are defined at the DSD1791 output pins. Load impedances, R1 and R2, are input resistors of the postamplifier. They are defined
as dc loads.
Audio Precision and System Two are trademarks of Audio Precision, Inc.
Other trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com