Electronic Components Datasheet Search
  English  ▼

X  

DSD1791 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DSD1791
Description  24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1791 Datasheet(HTML) 40 Page - Texas Instruments

Back Button DSD1791 Datasheet HTML 36Page - Texas Instruments DSD1791 Datasheet HTML 37Page - Texas Instruments DSD1791 Datasheet HTML 38Page - Texas Instruments DSD1791 Datasheet HTML 39Page - Texas Instruments DSD1791 Datasheet HTML 40Page - Texas Instruments DSD1791 Datasheet HTML 41Page - Texas Instruments DSD1791 Datasheet HTML 42Page - Texas Instruments DSD1791 Datasheet HTML 43Page - Texas Instruments DSD1791 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
DSD1791
SLES072B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
40
TDMCA INTERFACE FORMAT
The DSD1791 supports the time-division-multiplexed command and audio (TDMCA) data format to simplify the host
control serial interface. The TDMCA format is designed not only for the McBSP of TI DSPs but also for any
programmable devices. The TDMCA format can transfer not only audio data but also command data, so that it can
be used together with any kind of device that supports the TDMCA format. The TDMCA frame consists of a command
field, extended command field, and some audio data fields. Those audio data are transported to IN devices (such
as a DAC) and/or from OUT devices (such as an ADC). The DSD1791 is an IN device. LRCK and BCK are used
with both IN and OUT devices so that the sample frequency of all devices in a system must be the same. The TDMCA
mode supports a maximum of 30 device IDs. The maximum number of audio channels depends on the BCK
frequency.
TDMCA Mode Determination
The DSD1791 recognizes the TDMCA mode automatically when it receives an LRCK signal with a pulse duration
of two BCK clocks. If TDMCA-mode operation is not needed, the duty cycle of LRCK must be 50%. Figure 49 shows
the LRCK and BCK timing that determines the TDMCA mode. The DSD1791 enters the TDMCA mode after two
continuous TDMCA frames. Any TDMCA commands can be issued during the next TDMCA frame after the TDMCA
mode is entered.
Pre-TDMCA Frame
BCK
LRCK
2 BCK
TDMCA Frame
Command
Accept
Figure 49. LRCK and BCK Timing for Determination of TDMCA Mode
TDMCA Terminals
TDMCA requires six signals, four of which are for command and audio data interface, and one pair of signals which
are for daisy chaining. Those signals can be shared as in the following table. The DO signal has a 3-state output so
that it can be connected directly to other devices.
TERMINAL
NAME
TDMCA
NAME
I/O
DESCRIPTION
PLRCK
LRCK
input
TDMCA frame start signal. It must be the same as the sampling frequency.
PBCK
BCK
input
TDMCA clock. Its frequency must be high enough to communicate a TDMCA frame within an LRCK cycle.
PDATA
DI
input
TDMCA command and audio data input signal
MDI
DO
output
TDMCA command data 3-state output signal
MC
DCI
input
TDMCA daisy-chain input signal
MS
DCO
output
TDMCA daisy-chain output signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com