Electronic Components Datasheet Search
  English  ▼

X  

DSD1791 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DSD1791
Description  24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1791 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DSD1791 Datasheet HTML 19Page - Texas Instruments DSD1791 Datasheet HTML 20Page - Texas Instruments DSD1791 Datasheet HTML 21Page - Texas Instruments DSD1791 Datasheet HTML 22Page - Texas Instruments DSD1791 Datasheet HTML 23Page - Texas Instruments DSD1791 Datasheet HTML 24Page - Texas Instruments DSD1791 Datasheet HTML 25Page - Texas Instruments DSD1791 Datasheet HTML 26Page - Texas Instruments DSD1791 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
DSD1791
SLES072B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
23
Register Map
The mode control register map is shown in Table 4. Registers 16–21 include an R/W bit, which determines whether
a register read (R/W = 1) or write (R/W = 0) operation is performed. Registers 22 and 23 are read-only.
Table 4. Mode Control Register Map
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 16
R/W
0
0
1
0
0
0
0
ATL7
ATL6
ATL5
ATL4
ATL3
ATL2
ATL1
ATL0
Register 17
R/W
0
0
1
0
0
0
1
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
Register 18
R/W
0
0
1
0
0
1
0
ATLD
FMT2
FMT1
FMT0
DMF1
DMF0
DME
MUTE
Register 19
R/W
0
0
1
0
0
1
1
REV
ATS1
ATS0
OPE
MDOE
DFMS
FLT
INZD
Register 20
R/W
0
0
1
0
1
0
0
RSV
SRST
DSD
DFTH
MONO
CHSL
OS1
OS0
Register 21
R/W
0
0
1
0
1
0
1
RSV
RSV
RSV
RSV
RSV
DZ1
DZ0
PCMZ
Register 22
R
0
0
1
0
1
1
0
RSV
RSV
RSV
RSV
RSV
RSV
ZFGR
ZFGL
Register 23
R
0
0
1
0
1
1
1
RSV
RSV
RSV
ID4
ID3
ID2
ID1
ID0
Register Definitions
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 16
R/W
0
0
1
0
0
0
0
ATL7
ATL6
ATL5
ATL4
ATL3
ATL2
ATL1
ATL0
Register 17
R/W
0
0
1
0
0
0
1
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
R/W: Read/Write Mode Select
When R/W = 0, a write operaton is performed.
When R/W = 1, a read operaton is performed.
Default value: 0
ATx[7:0]: Digital Attenuation Level Setting
These bits are available for read and write.
Default value: 1111 1111b
Each DAC output has a digital attenuator associated with it. The attenuator can be set from 0 dB to –120 dB, in 0.5-dB
steps. Alternatively, the attenuator can be set to infinite attenuation (or mute).
The attenuation data for each channel can be set individually. However, the data load control (the ATLD bit of control
register 18) is common to both attenuators. ATLD must be set to 1 in order to change an attenuator setting. The
attenuation level can be set using the following formula:
Attenuation level (dB) = 0.5 dB
• (ATx[7:0]DEC – 255)
where ATx[7:0]DEC = 0 through 255
For ATx[7:0]DEC = 0 through 14, the attenuator is set to infinite attenuation. The following table shows attenuation
levels for various settings:
ATx[7:0]
Decimal Value
Attenuation Level Setting
1111 1111b
255
0 dB, no attenuation (default)
1111 1110b
254
–0.5 dB
1111 1101b
253
–1.0 dB
L
LL
0001 0000b
16
–119.5 dB
0000 1111b
15
–120.0 dB
0000 1110b
14
Mute
L
LL
0000 0000b
0
Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com