Electronic Components Datasheet Search
  English  ▼

X  

DSD1791 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DSD1791
Description  24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1791 Datasheet(HTML) 2 Page - Texas Instruments

  DSD1791 Datasheet HTML 1Page - Texas Instruments DSD1791 Datasheet HTML 2Page - Texas Instruments DSD1791 Datasheet HTML 3Page - Texas Instruments DSD1791 Datasheet HTML 4Page - Texas Instruments DSD1791 Datasheet HTML 5Page - Texas Instruments DSD1791 Datasheet HTML 6Page - Texas Instruments DSD1791 Datasheet HTML 7Page - Texas Instruments DSD1791 Datasheet HTML 8Page - Texas Instruments DSD1791 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
DSD1791
SLES072B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
2
ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE CODE
OPERATION
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA
DSD1791DB
28-lead SSOP
28DB
–25
°C to 85°C
DSD1791
DSD1791DB
Tube
DSD1791DB
28-lead SSOP
28DB
–25
°C to 85°C
DSD1791
DSD1791DBR
Tape and reel
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
DSD1791
Supply voltage
VCCF, VCCL, VCCC, VCCR
–0.3 V to 6.5 V
Supply voltage
VDD
–0.3 V to 4 V
Supply voltage differences: VCCF, VCCL, VCCC, VCCR
±0.1 V
Ground voltage differences: AGNDF, AGNDL, AGNDC, AGNDR, DGND
±0.1 V
Digital input voltage
PLRCK, PDATA, PBCK, DSDL, DSDR, DBCK, MS(2), MDI(2), MC, SCK, RST
–0.3 V to 6.5 V
Digital input voltage
ZEROL, ZEROR, MS(3), MDI(3)
–0.3 V to (VDD + 0.3 V) < 4 V
Analog input voltage
–0.3 V to (VCC + 0.3 V) < 6.5 V
Input current (any pins except supplies)
±10 mA
Ambient temperature under bias
–40
°C to 125°C
Storage temperature
–55
°C to 150°C
Junction temperature
150
°C
Lead temperature (soldering)
260
°C, 5 s
Package temperature (IR reflow, peak)
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) Input mode
(3) Output mode
ELECTRICAL CHARACTERISTICS
all specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system clock = 256 fS, and 24-bit data, unless otherwise noted
PARAMETER
DSD1791DB
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
RESOLUTION
24
Bits
DATA FORMAT (PCM Mode)
Audio data interface format
Standard, I2S, left justified
Audio data bit length
16-, 20-, 24-bit selectable
Audio data format
MSB first, 2s complement
fS
Sampling frequency
10
200
kHz
System clock frequency
128, 192, 256, 384, 512, 768 fS
DATA FORMAT (DSD Mode)
Audio data interface format
DSD (direct stream digital)
Audio data bit length
1 Bit
fS
Sampling frequency
2.8224
MHz
System clock frequency
2.8224
11.2896
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com