Electronic Components Datasheet Search
  English  ▼

X  

DSD1791 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DSD1791
Description  24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1791 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DSD1791 Datasheet HTML 32Page - Texas Instruments DSD1791 Datasheet HTML 33Page - Texas Instruments DSD1791 Datasheet HTML 34Page - Texas Instruments DSD1791 Datasheet HTML 35Page - Texas Instruments DSD1791 Datasheet HTML 36Page - Texas Instruments DSD1791 Datasheet HTML 37Page - Texas Instruments DSD1791 Datasheet HTML 38Page - Texas Instruments DSD1791 Datasheet HTML 39Page - Texas Instruments DSD1791 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
DSD1791
SLES072B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
36
Pin Assignment When Using the DSD Format Interface
D DSDL (pin 25): L-channel DSD data input
D DSDR (pin 24): R-channel DSD data input
D DBCK (pin 4): Bit clock (BCK) for DSD data
Requirements for System Clock
The bit clock (DBCK) for the DSD mode is required at pin 4 of the DSD1791. The frequency of the bit clock may be
N times the sampling frequency. Generally, N is 64 in DSD applications.
The interface timing between the bit clock and DSDL and DSDR is required to meet the setup and hold time
specifications shown in Figure 40.
The SCK is not necessary after the mode change to the DSD mode is done.
t = 1/(64
× 44.1 kHz)
D1
DSDL
DSDR
D0
D2
D3
D4
DBCK
Figure 39. Normal Data Output Form From DSD Decoder
DSDL
DSDR
t(BCH)
DBCK
t(BCL)
t(BCY)
1.4 V
1.4 V
t(DS)
t(DH)
PARAMETER
MIN
MAX
UNITS
t(BCY) DBCK pulse cycle time
85(1)
ns
t(BCH) DBCK high-level time
30
ns
t(BCL) DBCK low-level time
30
ns
t(DS)
DSDL, DSDR setup time
10
ns
t(DH)
DSDL, DSDR hold time
10
ns
(1) 2.8224 MHz × 4. (2.8224 MHz = 64 × 44.1 kHz. This value is specified as a
sampling rate of DSD.)
Figure 40. Timing for DSD Audio Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com