Electronic Components Datasheet Search
  English  ▼

X  

DSD1791 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DSD1791
Description  24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1791 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DSD1791 Datasheet HTML 45Page - Texas Instruments DSD1791 Datasheet HTML 46Page - Texas Instruments DSD1791 Datasheet HTML 47Page - Texas Instruments DSD1791 Datasheet HTML 48Page - Texas Instruments DSD1791 Datasheet HTML 49Page - Texas Instruments DSD1791 Datasheet HTML 50Page - Texas Instruments DSD1791 Datasheet HTML 51Page - Texas Instruments DSD1791 Datasheet HTML 52Page - Texas Instruments DSD1791 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
DSD1791
SLES072B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
49
THEORY OF OPERATION
Analog
Voltage
Output
Digital
Input
24 Bit
8 fS
MSB and
Lower 18 Bit
Upper 6 Bit
ICOB
Decoder
3rd-Order
5-Level
Sigma-Delta
Advanced
DWA
Current
Segment
DAC
0–4
Level
0–62
Level
0–66
I/V
Converter
Figure 60. Advanced Segment DAC With I/V Converter
The DSD1791 uses TI’s advanced segment DAC architecture to achieve excellent dynamic performance and
improved tolerance to clock jitter. The DSD1791 provides balanced voltage outputs.
Digital input data via the digital filter is separated into 6 upper bits and 18 lower bits. The 6 upper bits are converted
to inverted complementary offset binary (ICOB) code. The lower 18 bits, in association with the MSB, are processed
by a five-level third-order delta-sigma modulator operated at 64 fS by default. The 1 level of the modulator is equivalent
to the 1 LSB of the ICOB code converter. The data groups processed in the ICOB converter and third-order
delta-sigma modulator are summed together to an up to 66-level digital code, and then processed by data-weighted
averaging (DWA) to reduce the noise produced by element mismatch. The data of up to 66 levels from the DWA is
converted to an analog output in the differential-current segment section.
This architecture has overcome the various drawbacks of conventional multibit processing and also achieves
excellent dynamic performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com