Electronic Components Datasheet Search
  English  ▼

X  

DSD1791 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DSD1791
Description  24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1791 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DSD1791 Datasheet HTML 11Page - Texas Instruments DSD1791 Datasheet HTML 12Page - Texas Instruments DSD1791 Datasheet HTML 13Page - Texas Instruments DSD1791 Datasheet HTML 14Page - Texas Instruments DSD1791 Datasheet HTML 15Page - Texas Instruments DSD1791 Datasheet HTML 16Page - Texas Instruments DSD1791 Datasheet HTML 17Page - Texas Instruments DSD1791 Datasheet HTML 18Page - Texas Instruments DSD1791 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
DSD1791
SLES072B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
15
SYSTEM CLOCK AND RESET FUNCTIONS
System Clock Input
The DSD1791 requires a system clock for operating the digital interpolation filters and advanced segment DAC
modulators. The system clock is applied at the SCK input (pin 5). The DSD1791 has a system clock detection circuit
that automatically senses which frequency the system clock is operating. Table 1 shows examples of system clock
frequencies for common audio sampling rates. If the oversampling rate of the delta-sigma modulator is selected as
128 fS, the system clock frequency is required over 256 fS.
Figure 24 shows the timing requirements for the system clock input. For optimal performance, it is important to use
a clock source with low phase jitter and noise. One of the Texas Instruments PLL1700 family of multiclock generators
is an excellent choice for providing the DSD1791 system clock.
Table 1. System Clock Rates for Common Audio Sampling Frequencies
SAMPLING FREQUENCY
SYSTEM CLOCK FREQUENCY (fSCK) (MHz)
SAMPLING FREQUENCY
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
32 kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1 kHz
5.6488
8.4672
11.2896
16.9344
22.5792
33.8688
48 kHz
6.144
9.216
12.288
18.432
24.576
36.864
96 kHz
12.288
18.432
24.576
36.864
49.152
73.728
192 kHz
24.576
36.864
49.152
73.728
(1)
(1)
(1) This system clock rate is not supported for the given sampling frequency.
t(SCKH)
System Clock (SCK)
t(SCKL)
2 V
0.8 V
H
L
t(SCY)
PARAMETERS
MIN
MAX
UNITS
t(SCY)
System clock pulse cycle time
13
ns
t(SCKH) System clock pulse duration, HIGH
5
ns
t(SCKL) System clock pulse duration, LOW
5
ns
Figure 24. System Clock Input Timing
Power-On and External Reset Functions
The DSD1791 includes a power-on reset function. Figure 25 shows the operation of this function. With VDD > 2 V,
the power-on reset function is enabled. The initialization sequence requires 1024 system clocks from the time
VDD > 2 V. After the initialization period, the DSD1791 is set to its default reset state, as described in the MODE
CONTROL REGISTERS section of this data sheet.
The DSD1791 also includes an external reset capability using the RST input (pin 6). This allows an external controller
or master reset circuit to force the DSD1791 to initialize to its default reset state.
Figure 26 shows the external reset operation and timing. The RST pin is set to logic 0 for a minimum of 20 ns. The
RST pin is then set to a logic 1 state, thus starting the initialization sequence, which requires 1024 system clock
periods. The external reset is especially useful in applications where there is a delay between the DSD1791 power
up and system clock activation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com