Electronic Components Datasheet Search
  English  ▼

X  

TPS53317RGBR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53317RGBR
Description  6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53317RGBR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS53317RGBR Datasheet HTML 14Page - Texas Instruments TPS53317RGBR Datasheet HTML 15Page - Texas Instruments TPS53317RGBR Datasheet HTML 16Page - Texas Instruments TPS53317RGBR Datasheet HTML 17Page - Texas Instruments TPS53317RGBR Datasheet HTML 18Page - Texas Instruments TPS53317RGBR Datasheet HTML 19Page - Texas Instruments TPS53317RGBR Datasheet HTML 20Page - Texas Instruments TPS53317RGBR Datasheet HTML 21Page - Texas Instruments TPS53317RGBR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Droop
IOUT
VOUT setpoint at 0 A
Maximum undershoot voltage =(5%±1%) x 1 = 4% x VOUT
Load insertion
Load release
Non-
Droop
Maximum transient voltage
= (5%±1%) x 2 = 8% x VOUT
VOUT setpoint at 6 A
VOUT setpoint at 0 A
Maximum overshoot voltage =(5%±1%) x 1 = 4% x VOUT
+
VSLEW
+
±
RDROOP
+
PWM
Comparator
RDS(on)
gMV = 1 mS
Driver
LOUT
ESR
COUT
ROUT
RLOAD
8 k:
+
±
+
gMC= 1 mS
VREF
VIN
VOUT
VREF
COMP
SW
TPS53317
SLUSAK4D – JUNE 2011 – REVISED JULY 2015
www.ti.com
Device Functional Modes (continued)
Figure 25 shows the basic implementation of the droop mode using the TPS53317 device.
Figure 25. DROOP Mode Basic Implementation
The droop (voltage positioning) method was originally recommended to reduce the number of external output
capacitors required. The effective transient voltage range is increased because of the active voltage positioning
(see Figure 26).
Figure 26. DROOP vs Non-DROOP in Transient Voltage Window
18
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS53317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com