Electronic Components Datasheet Search
  English  ▼

X  

TPS53317RGBR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53317RGBR
Description  6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53317RGBR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS53317RGBR Datasheet HTML 11Page - Texas Instruments TPS53317RGBR Datasheet HTML 12Page - Texas Instruments TPS53317RGBR Datasheet HTML 13Page - Texas Instruments TPS53317RGBR Datasheet HTML 14Page - Texas Instruments TPS53317RGBR Datasheet HTML 15Page - Texas Instruments TPS53317RGBR Datasheet HTML 16Page - Texas Instruments TPS53317RGBR Datasheet HTML 17Page - Texas Instruments TPS53317RGBR Datasheet HTML 18Page - Texas Instruments TPS53317RGBR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
( )
(
)
-
=
+
´ P P
OCL dc
OCL valley
1
I
I
I
2
TPS53317
www.ti.com
SLUSAK4D – JUNE 2011 – REVISED JULY 2015
Feature Description (continued)
7.3.5 Protection Features
The TPS53317 device offers many features to protect the converter power train as well as the system
electronics.
7.3.5.1 5-V Undervoltage Protection (UVLO)
The TPS53317 device continuously monitors the voltage on the V5IN pin to ensure that the voltage level is high
enough to bias the device properly and to provide sufficient gate drive potential to maintain high efficiency. The
converter starts with approximately 4.3 V and has a nominal 440 mV of hysteresis. If the 5-V UVLO limit is
reached, the converter transitions the phase node into an off function, and the converter remains in the off state
until the device is reset by cycling the 5-V supply until the 5-V POR is reached (2.3-V nominal). The power input
does not have a UVLO function.
7.3.5.2 Power Good Signals
The TPS53317 device has one open-drain power good (PGOOD) pin. During startup, there is a 1-ms power
good high propagation delay. The PGOOD pin de-asserts as soon as the EN pin is pulled low or an undervoltage
condition on V5IN or any other fault is detected.
7.3.5.3 Output Overvoltage Protection (OVP)
In addition to the power good function described above, the TPS53317 device has additional OVP and UVP
thresholds and protection circuits.
An OVP condition is detected when the output voltage is approximately 120% × VREFIN. In this case, the
converter de-asserts the PGOOD signals and performs the overvoltage protection function. During OVP, the low-
side FET is always on before triggering a negative overcurrent. When a negative OC is also tripped, the low-side
FET is no longer continuously on, and pulsed signals are generated to limit the negative inductor current. When
the VOUT pin voltage drops below 400 mV, the low-side FET turns off and the converter latches off. The
converter remains in the off state until the device is reset by cycling the 5-V supply until the 5-V POR is reached
(2.3-V nominal) or when the EN pin is toggled off and on.
7.3.5.4 Output Undervoltage Protection (UVP)
Output undervoltage protection works in conjunction with the current protection described in the Overcurrent
Protection and Overcurrent Limit sections. If the output voltage drops below 68% of VREFIN, after approximately a
250-µs delay, the device stops switching and enters hiccup mode. After a hiccup waiting time, a restart is
attempted. If the fault condition is not cleared, hiccup mode operation may continue indefinitely.
7.3.5.5 Overcurrent Protection
Both positive and negative overcurrent protection are provided in the TPS53317 device.
•
Overcurrent Limit (OCL)
•
Negative OCL
7.3.5.5.1
Overcurrent Limit
If the sensed current value is above the OCL setting, the converter delays the next ON pulse until the current
drops below the OCL limit. Current limiting occurs on a pulse-by-pulse basis. The device uses a valley current
limiting scheme where the DC OCL trip point is the OCL limit plus half of the inductor ripple current. The typical
valley OCL threshold is 7.6 A or 5.4 A (depending on mode selection). The average output current limit
calculation is shown in Equation 4.
During the overcurrent protection event, the output voltage droops if the duty cycle cannot satisfy output voltage
requirements and continues to droop until the UVP limit is reached. Then, the converter de-asserts the PGOOD
pin, and then enters hiccup mode after a 250-µs delay. The converter remains in hiccup mode until the fault is
cleared.
(4)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPS53317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com