Electronic Components Datasheet Search
  English  ▼

X  

TPS53317RGBR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53317RGBR
Description  6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53317RGBR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS53317RGBR Datasheet HTML 18Page - Texas Instruments TPS53317RGBR Datasheet HTML 19Page - Texas Instruments TPS53317RGBR Datasheet HTML 20Page - Texas Instruments TPS53317RGBR Datasheet HTML 21Page - Texas Instruments TPS53317RGBR Datasheet HTML 22Page - Texas Instruments TPS53317RGBR Datasheet HTML 23Page - Texas Instruments TPS53317RGBR Datasheet HTML 24Page - Texas Instruments TPS53317RGBR Datasheet HTML 25Page - Texas Instruments TPS53317RGBR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
%2 
1
2
è × 4% × 2B59
=
1
2
è × 3.9 G! × 2 × 800 G*V
= 25.5
L(
BL =
1
2
è × 4% ×
%% × %2
%% + %2
N
1
2
è × 4% × %2
BV =
B%1
5
=
1
2
è × 4% × %%
4% =
B%1 × 45 × 2è × %176
C/
=
80
G*V × 53 I! × 2è × 160 ä(
1
I5
= 4.26
G!
B%1 =
1
2è
×
g/
%176
×
4%
45
= 80 G*V
%
+0
:IEJ ; = 2.5 # ×
0.55 × (1 . 0.55)
12 mV × 800 G*V
= 64.45 µ(
%+0:IEJ ; = +KQP ×
&
× (1 . &)
8+0(2.2) × B59
%
176
:IEJ ;,75 =
:3 A;2 × 0.25 µ* × @
0.6 8
1.2 8
×
1
800 G*V
+ 270 JO
A
2 × 0.6 8 × 0.03 8 ×
@
1.2 8 . 0.6 8
1.2 8
×
1
800 G*V .
270 JO
A
= 157.6 µ(
TPS53317
SLUSAK4D – JUNE 2011 – REVISED JULY 2015
www.ti.com
Typical Applications (continued)
Again, choose 30 mV to account for normal output voltage ripple.
(13)
The undershoot requirements determine, so there must be a minimum of 157.6 µF. Because this is a DDR
application where size is also a consideration, this design uses only ceramic capacitors. To account for voltage
de-rating of capacitors and provide additional margin, this design includes eleven 22-µF output capacitors.
8.2.1.2.4
Step 4. Input Capacitance
This design requires sufficient input capacitance to filter the input current from the host source. Use Equation 14
to calculate the necessary input capacitance.
where
•
ΔVIN(P-P) is the desired input voltage ripple (typically 1% of the input voltage)
(14)
(15)
As with the output capacitance selection, this design accounts for voltage de-rating of capacitors and provides
additional margin, using four 22-µF input capacitors.
8.2.1.2.5
Step 5. Compensation Network
In order to achieve stable operation, the crossover frequency should be less than 1/5 of the switching frequency.
where
•
RS = 53 mΩ
(16)
Account for capacitor de-rating here and set the value of COUT to 160 µF, so that Equation 17 is true.
(17)
Choose an RC value of 3.9 kΩ. Determine CC by choosing the value of the zero created by RC and CC. Using the
relationship described in Equation 18.
(18)
Equation 18 yields a CC value of 2.55 nF. Choose the closest common capacitor value of 2.2 nF. To determine a
value for CP, first consider the relationship described in Equation 19.
•
CC >> CP
(19)
Because CC >> CP , set the pole to be two times the switching frequency as described in Equation 20.
(20)
To boost the gain margin, set CP to 33 pF.
22
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS53317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com