Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 165 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 165 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 161Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 162Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 164Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 165Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 169Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
165
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R44 (2Ch) Input Mixer6
0
0
0
0
0
0
0
IN1RP_MIXINR_VOL
[2:0]
0
0
0
IN2LP_MIXINR_VOL
[2:0]
0000h
R45 (2Dh) Output Mixer1
0
0
0
0
0
0
0
DACL_
TO_HP
OUT1L
MIXIN
R_TO_
MIXOU
TL
MIXINL
_TO_M
IXOUT
L
IN2RN
_TO_M
IXOUT
L
IN2LN_
TO_MI
XOUTL
IN1R_T
O_MIX
OUTL
IN1L_T
O_MIX
OUTL
IN2LP_
TO_MI
XOUTL
DACL_
TO_MI
XOUTL
0000h
R46 (2Eh) Output Mixer2
0
0
0
0
0
0
0
DACR_
TO_HP
OUT1R
MIXINL
_TO_M
IXOUT
R
MIXIN
R_TO_
MIXOU
TR
IN2LN_
TO_MI
XOUT
R
IN2RN
_TO_M
IXOUT
R
IN1L_T
O_MIX
OUTR
IN1R_T
O_MIX
OUTR
IN2RP
_TO_M
IXOUT
R
DACR_
TO_MI
XOUT
R
0000h
R47 (2Fh) Output Mixer3
0
0
0
0
IN2LP_MIXOUTL_VOL
[2:0]
IN2LN_MIXOUTL_VOL
[2:0]
IN1R_MIXOUTL_VOL
[2:0]
IN1L_MIXOUTL_VOL
[2:0]
0000h
R48 (30h) Output Mixer4
0
0
0
0
IN2RP_MIXOUTR_VOL
[2:0]
IN2RN_MIXOUTR_VOL
[2:0]
IN1L_MIXOUTR_VOL
[2:0]
IN1R_MIXOUTR_VOL
[2:0]
0000h
R49 (31h) Output Mixer5
0
0
0
0
DACL_MIXOUTL_VOL
[2:0]
IN2RN_MIXOUTL_VOL
[2:0]
MIXINR_MIXOUTL_VOL
[2:0]
MIXINL_MIXOUTL_VOL
[2:0]
0000h
R50 (32h) Output Mixer6
0
0
0
0
DACR_MIXOUTR_VOL
[2:0]
IN2LN_MIXOUTR_VOL
[2:0]
MIXINL_MIXOUTR_VOL
[2:0]
MIXINR_MIXOUTR_VOL
[2:0]
0000h
R51 (33h) HPOUT2 Mixer
0
0
0
0
0
0
0
0
0
0
IN2LR
P_TO_
HPOU
T2
MIXOU
TLVOL
_TO_H
POUT2
MIXOU
TRVOL
_TO_H
POUT2
0
0
0
0000h
R52 (34h) Line Mixer1
0
0
0
0
0
0
0
0
0
MIXOU
TL_TO
_LINE
OUT1N
MIXOU
TR_TO
_LINE
OUT1N
LINEO
UT1_M
ODE
0
IN1R_T
O_LIN
EOUT1
P
IN1L_T
O_LIN
EOUT1
P
MIXOU
TL_TO
_LINE
OUT1P
0000h
R53 (35h) Line Mixer2
0
0
0
0
0
0
0
0
0
MIXOU
TR_TO
_LINE
OUT2N
MIXOU
TL_TO
_LINE
OUT2N
LINEO
UT2_M
ODE
0
IN1L_T
O_LIN
EOUT2
P
IN1R_T
O_LIN
EOUT2
P
MIXOU
TR_TO
_LINE
OUT2P
0000h
R54 (36h) Speaker Mixer
0
0
0
0
0
0
0
0
MIXINL
_TO_S
PKMIX
L
MIXIN
R_TO_
SPKMI
XR
IN1LP_
TO_SP
KMIXL
IN1RP
_TO_S
PKMIX
R
MIXOU
TL_TO
_SPKM
IXL
MIXOU
TR_TO
_SPKM
IXR
DACL_
TO_SP
KMIXL
DACR_
TO_SP
KMIXR
0000h
R55 (37h) Additional
Control
0
0
0
0
0
0
0
0
LINEO
UT1_F
B
LINEO
UT2_F
B
0
0
0
0
0
VROI
0000h
R56 (38h) AntiPOP1
0
0
0
0
0
0
0
0
LINEO
UT_VM
ID_BU
F_ENA
HPOU
T2_IN_
ENA
LINEO
UT1_DI
SCH
LINEO
UT2_DI
SCH
0
0
0
0
0000h
R57 (39h) AntiPOP2
0
0
0
0
0
0
0
0
0
VMID_RAMP
[1:0]
0
VMID_
BUF_E
NA
START
UP_BI
AS_EN
A
BIAS_
SRC
VMID_
DISCH
0000h
R58 (3Ah) MICBIAS
0
0
0
0
0
0
0
0
JD_SCTHR [1:0]
JD_THR [2:0]
JD_EN
A
MICB2
_LVL
MICB1
_LVL
0000h
R60 (3Ch) FLL Control 1
0
0
0
0
0
0
0
0
0
0
0
0
0
FLL_F
RAC
FLL_O
SC_EN
A
FLL_E
NA
0000h
R61 (3Dh) FLL Control 2
0
0
0
0
0
FLL_OUTDIV [2:0]
0
0
0
0
0
FLL_FRATIO [2:0]
0000h
R62 (3Eh) FLL Control 3
FLL_K [15:0]
0000h
R63 (3Fh) FLL Control 4
0
FLL_N [9:0]
0
0
0
0
0
2EE0h
R64 (40h) FLL Control 5
0
0
0
FLL_FRC_NCO_VAL [5:0]
FLL_F
RC_NC
O
0
FLL_CLK_REF_
DIV [1:0]
0
FLL_CLK_SRC
[1:0]
0002h
R65 (41h) Clocking 3
0
0
CLK_DCS_DIV [3:0]
SAMPLE_RATE [2:0]
0
0
CLK_SYS_RATE [3:0]
CLK_D
SP_EN
A
2287h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com