Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 169 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 169 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 165Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 173Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
169
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
Managemen
t (2)
14
TSHUT_ENA
1
Thermal sensor enable
0 = disabled
1 = enabled
13
TSHUT_OPDIS
1
Thermal shutdown control
(Causes audio outputs to be disabled if an
overtemperature occurs. The thermal sensor must also
be enabled.)
0 = disabled
1 = enabled
11
OPCLK_ENA
0
GPIO Clock Output Enable
0 = disabled
1 = enabled
9
MIXINL_ENA
0
Left Input Mixer Enable
(Enables MIXINL and RXVOICE input to MIXINL)
0 = Disabled
1 = Enabled
8
MIXINR_ENA
0
Right Input Mixer Enable
(Enables MIXINR and RXVOICE input to MIXINR)
0 = Disabled
1 = Enabled
7
IN2L_ENA
0
IN2L Input PGA Enable
0 = Disabled
1 = Enabled
6
IN1L_ENA
0
IN1L Input PGA Enable
0 = Disabled
1 = Enabled
5
IN2R_ENA
0
IN2R Input PGA Enable
0 = Disabled
1 = Enabled
4
IN1R_ENA
0
IN1R Input PGA Enable
0 = Disabled
1 = Enabled
1
ADCL_ENA
0
Left ADC Enable
0 = ADC disabled
1 = ADC enabled
0
ADCR_ENA
0
Right ADC Enable
0 = ADC disabled
1 = ADC enabled
Register 02h Power Management (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
Power
Managemen
t (3)
13
LINEOUT1N_E
NA
0
LINEOUT1N Line Out and LINEOUT1NMIX Enable
0 = Disabled
1 = Enabled
12
LINEOUT1P_E
NA
0
LINEOUT1P Line Out and LINEOUT1PMIX Enable
0 = Disabled
1 = Enabled
11
LINEOUT2N_E
NA
0
LINEOUT2N Line Out and LINEOUT2NMIX Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com