Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 110 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 110 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 106Page - National Semiconductor (TI) PC87391 Datasheet HTML 107Page - National Semiconductor (TI) PC87391 Datasheet HTML 108Page - National Semiconductor (TI) PC87391 Datasheet HTML 109Page - National Semiconductor (TI) PC87391 Datasheet HTML 110Page - National Semiconductor (TI) PC87391 Datasheet HTML 111Page - National Semiconductor (TI) PC87391 Datasheet HTML 112Page - National Semiconductor (TI) PC87391 Datasheet HTML 113Page - National Semiconductor (TI) PC87391 Datasheet HTML 114Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 148 page
background image
7.0 X-Bus Extension (Continued)
110
www.national.com
Figure 25. Write Access Cycle - Normal Address Mode
7.3.6
Latched Address Mode X-Bus Transactions
The read and write transactions in Latched address mode are similar to those used in Normal address mode, except for how
the addresses are placed on the X-Bus. In this mode, address signals 27-0 are output using the XA signals and via multi-
plexing over the data bus (XD7-0). Latch control signals XSTB2-0 help a system capture these signals. The XSTB2-0 signals
are placed as long as the address signal are valid (until the end of a transaction).
Once a read cycle on the LPC falls within the range of any of the enabled X-Bus decoded address ranges, a read cycle
begins. A read cycle starts by outputting the lower twenty address signals on address signals XA19-0, and address signals
27-20 on data signals XD7-0, on the rising edge of the clock. Two clock cycles later, a strobe signal (XSTB2) is asserted to
latch the information on an external latch. Two clock cycles later, a second set of address signals, 19-12, is placed on data
pins XD7-0. These may be latched using the strobe signal XSTRB1 output two cycles later on the rising edge of the clock.
Two clock cycles later, the last group of address signals, 11-4, is output on data signals XD7-0. The XSTRB0 output two
cycles later, on the rising edge of the clock, may be used to latch this part of the address. Two cycles later on the rising edge
of the clock, the PC8739x stops driving the data bus. At this point, all addresses are available either on the address outputs
of the PC8739x (XA19-0) or in one of the three latches. The system may require only part of these addresses, depending
on the size of the address memory or peripheral space. One clock cycle later, a chip select signal XCS1 or 0 is asserted,
based on the address accessed and the select signal mapping. From this point, the read continues as described for the Nor-
mal address mode. XSTRB2-0 are deasserted when the address becomes invalid.
Once a write cycle on the LPC falls within the range of any of the enabled decoded address ranges of the X-Bus functional
block, a read cycle is started. A write cycle starts by outputting the lower twenty address signals on address signals XA19-
0] and address signals 27- 20 on data signals XD7-0, on the rising edge of the clock. Two clock cycles later, a strobe signal
(XSTB2) is asserted to latch the information on an external latch. Two clock cycles later, a second set of address signals,
19-12, is placed on data pins XD7-0. These may be latched using the strobe signal XSTRB1 output two cycles later on the
rising edge of the clock. Two clock cycles later, the last group of address signals, 11-4, is output on the data signals XD7-0.
The XSTRB0 output, two cycles later on the rising edge of the clock, may be used to latch this part of the address. Two
cycles later on the rising edge of the clock, the PC8739x outputs the data signals on data pins XD7-0 on the rising edge of
the clock. At this point, all the address is available either on the address outputs of the PC8739x (XA[19:0]) or in one of the
three latches. The system may require only part of these addresses, depending on the size of the address memory or pe-
ripheral space. One clock cycle later, chip select signal XCS1 or 0 is asserted, based on the address accessed and the select
signal mapping. From this point, the write continues as described for the Normal address mode. XSTRB2-0 are deasserted
when the address becomes invalid.
CLK
(Internal for Reference)
XD7-0
XA19-0
XCS1-0
XWR
Insert 12+”Programmed Wait States” of 33 MHz clocks here.
All non-clock signals remain the same during this inserted time.
XRD
XRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com