Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 106 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 106 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 102Page - National Semiconductor (TI) PC87391 Datasheet HTML 103Page - National Semiconductor (TI) PC87391 Datasheet HTML 104Page - National Semiconductor (TI) PC87391 Datasheet HTML 105Page - National Semiconductor (TI) PC87391 Datasheet HTML 106Page - National Semiconductor (TI) PC87391 Datasheet HTML 107Page - National Semiconductor (TI) PC87391 Datasheet HTML 108Page - National Semiconductor (TI) PC87391 Datasheet HTML 109Page - National Semiconductor (TI) PC87391 Datasheet HTML 110Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 148 page
background image
106
www.national.com
7.0
X-Bus Extension
Notes: This section applies to the PC87393 and PC87393F only.
FWH-related descriptions apply to the PC87393F only.
7.1
OVERVIEW
The PC8739x provides an X-Bus extension to the LPC bus to enable the ISA-like interface to external 8-bit peripherals. De-
code logic, described in the
Device Architecture and Configuration chapter, defines the addresses for which the X-Bus gen-
erates transactions. These transactions may be in the I/O address space and the memory address space or in the FWH
memory address space. Using the X-Bus interface, the PC8739x serves as a bridge for such transactions into the X-Bus.
Figure 21 is a schematics block diagram of the X-Bus bridging function. For details on the decoder functions, see the
Device
Architecture and Configuration chapter. All other functions are described in detail in this chapter.
Figure 21. X-Bus Block Diagram
7.2
IRQ ROUTING
The PC8739x supports up to four IRQ inputs, PIRQA through PIRQD. These pins may be used to support legacy devices
that are connected on the X-Bus. The PC8739x enables any of these interrupts to be routed to any one of fifteen host IRQs.
The IRQ inputs are mapped by X-Bus PIRQA-D Mapping registers at F8h and F9h. XIRQCA through XIRQCD registers en-
able the user to define the interrupt as active high or low, and to route it to a wake-up event.
7.3
X-BUS TRANSACTIONS
The X-Bus extension supports 8-bit I/O or memory read/write cycles.
The zone mapping of the chip select signals determines how X-Bus read and write cycles correspond to memory and I/O
bus cycles. The zone mapping to a select signal, XCS1-0, must be enabled regardless of whether the I/O device is using
the chip select signal. Signal mapping to a pin may be disabled when the select signal is not required for an off-chip interface.
LPC
Bus
X-Bus
Configuration
I/O
Address
Memory
Address
Decoder
Decoder
Bus
Cycle
Generator
XCS0
XCS1
XA19-0
X-Bus Interface
Device Architecture Component
XRD XWR
XSTB2-0
XRDY
XD7-0
IRQ Router
IRQ
Serializer
PIRQ(A-D)
XCNF2-0
XIORD XIOWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com