Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 102 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 102 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 98Page - National Semiconductor (TI) PC87391 Datasheet HTML 99Page - National Semiconductor (TI) PC87391 Datasheet HTML 100Page - National Semiconductor (TI) PC87391 Datasheet HTML 101Page - National Semiconductor (TI) PC87391 Datasheet HTML 102Page - National Semiconductor (TI) PC87391 Datasheet HTML 103Page - National Semiconductor (TI) PC87391 Datasheet HTML 104Page - National Semiconductor (TI) PC87391 Datasheet HTML 105Page - National Semiconductor (TI) PC87391 Datasheet HTML 106Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 148 page
background image
6.0 Musical Instrument Digital Interface (MIDI) Port (Continued)
102
www.national.com
6.3
MIDI PORT REGISTERS
The following abbreviations are used to indicate the Register Type:
q
R/W = Read/Write
q
R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
q
W=Write
q
RO = Read Only
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
6.3.1
MIDI Port Register Map
The following table lists the MIDI Port registers. For the MIDI Port register bitmap, see Section 6.4.
6.3.2
MIDI Data In Register (MDI)
This read register is used for reading data received by the MIDI Port, and status information returned by the MIDI Port in
response to a previously issued command. When the FIFOs of the MIDI Port are enabled, reading from this offset returns
the next byte taken out of the Receive FIFO.
Location:
Offset 00h
Type:
R
6.3.3
MIDI Data Out Register (MDO)
This write register is used for writing data to be transmitted by the MIDI Port. When the FIFOs of the MIDI Port are enabled,
writing to this offset puts the data byte into the Transmit FIFO.
Location:
Offset 00h
Type:
W
Offset
Mnemonic
Register Name
Type
Section
00h
MDI
MIDI Data In
R
6.3.2
00h
MDO
MIDI Data Out
W
6.3.3
01h
MSTAT
MIDI Status
R
6.3.4
01h
MCOM
MIDI Command
W
6.3.5
02h
MCNTL
MIDI Control
R/W
6.3.6
Bit
76543210
Name
Data In
Reset
XXXXXXXX
Bit
76543210
Name
Data Out
Reset
XXXXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com