Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 105 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 105 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 101Page - National Semiconductor (TI) PC87391 Datasheet HTML 102Page - National Semiconductor (TI) PC87391 Datasheet HTML 103Page - National Semiconductor (TI) PC87391 Datasheet HTML 104Page - National Semiconductor (TI) PC87391 Datasheet HTML 105Page - National Semiconductor (TI) PC87391 Datasheet HTML 106Page - National Semiconductor (TI) PC87391 Datasheet HTML 107Page - National Semiconductor (TI) PC87391 Datasheet HTML 108Page - National Semiconductor (TI) PC87391 Datasheet HTML 109Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 148 page
background image
6.0 Musical Instrument Digital Interface (MIDI) Port (Continued)
105
www.national.com
6.4
MIDI PORT BITMAP
Register
Bits
Offset
Mnemonic
76543210
00h
MDI
Data In
00h
MDO
Data Out
01h
MSTAT
Rx Buffer
Empty
Tx Buffer
Full
Rx Buffer
Full
MIDI Port
Operation
Mode
Rx
Overrun
Error
Tx FIFO
Empty
Reserved
01h
MCOM
Command Byte
02h
MCNTL
Loopback
Mode
Enable
MIDI Thru
Enable
Reserved
Pass-
Thru
Transmit
Enable
Rx Data
Ready
Interrupt
Enable
MDTX
Pin
Masking
Enable
Tx Buffer
Empty
Interrupt
Enable
Rx FIFO
Enable for
Pass-
Thru
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com