Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 117 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 117 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 113Page - National Semiconductor (TI) PC87391 Datasheet HTML 114Page - National Semiconductor (TI) PC87391 Datasheet HTML 115Page - National Semiconductor (TI) PC87391 Datasheet HTML 116Page - National Semiconductor (TI) PC87391 Datasheet HTML 117Page - National Semiconductor (TI) PC87391 Datasheet HTML 118Page - National Semiconductor (TI) PC87391 Datasheet HTML 119Page - National Semiconductor (TI) PC87391 Datasheet HTML 120Page - National Semiconductor (TI) PC87391 Datasheet HTML 121Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 148 page
background image
7.0 X-Bus Extension (Continued)
117
www.national.com
Figure 28. Functional Illustration of X-Bus PIRQx Input Registers
7.4.6
X-Bus Indirect Memory Address Register 0 (XIMA0)
This register describes the addresses 7-0 for read or write transaction to the memory.
Location:
Offset 08h
Type:
R/W
7.4.7
X-Bus Indirect Memory Address Register 1 (XIMA1)
This register describes the addresses 15-8 for read or write transaction to the memory.
Location:
Offset 09h
Type:
R/W
Bit
76543210
Name
X-Bus Indirect Memory Address 7-0
Reset
00000000
Bit
Description
7-0
X-Bus Indirect Memory Address 7-0
Bit
76543210
Name
X-Bus Indirect Memory Address 15-8
Reset
00000000
Bit
Description
7-0
X-Bus Indirect Memory Address 15-8
0
1
0
1
PWUREQ
IRQ
Serializer
PIRQx
PIRQ
Polarity
Inversion
3
2
PIRQ
Enable
1
PIRQ
Polarity
0
PWUREQ
Enable
Bit
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com