| Electronic Components Datasheet Search |
|
PC87391 Datasheet(PDF) 119 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87391 Datasheet(HTML) 119 Page - National Semiconductor (TI) |
|
119 / 148 page ![]() 7.0 X-Bus Extension (Continued) 119 www.national.com XA3-0 HA3-0 XD7-0 HA11-4 XA18-12 HA18-12 XSTB0 FXASTB XRDY HIOCHRDY PIRQA-D IRQ11, IRQ8, IRQ12, and IRQ1 respectively GND HMEMCS If any of the functions multiplexed on XA18-12 (Game Port or Serial Port 2) are needed, use an external latch for these signals. Use the XRDY signal that is enabled upon reset. Either of the XIORD and XIOWR signals may be used. Set proper sys- tem configuration before accessing a PC87570 or any I/O device with separate read and write signals for I/O and mem- ory transactions. 2. Bear in mind the following system design hints for asynchronous X-Bus use: q The chip select signal should be used as a qualifier with the address when partial address decoding is in use for mul- tiple device access control. q In read cycles, the system may drive the data until the read signal XRD is de-asserted to guarantee the proper PC8739x sampling. q In write cycles, use either the falling or rising edge of the write control signal (XWR) to latch the data in the device. 3. Address multiplexing on XDT7-0 and the XSTB2-0 is designed for glueless interface with off-chip latch components. See the example using 74HCT373 latches in Figure 29. Figure 29. Latched Mode X-Bus Transactions External Logic (74HCT373) D7-0 A27-20 A19-12 A3-0 XA3-0 XDT7-0 A11-4 Latch (74HCT373) Latch (74HCT373) Latch XSTB0 XSTB1 XSTB2 PC8739 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |