Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 125 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 125 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 121Page - National Semiconductor (TI) PC87391 Datasheet HTML 122Page - National Semiconductor (TI) PC87391 Datasheet HTML 123Page - National Semiconductor (TI) PC87391 Datasheet HTML 124Page - National Semiconductor (TI) PC87391 Datasheet HTML 125Page - National Semiconductor (TI) PC87391 Datasheet HTML 126Page - National Semiconductor (TI) PC87391 Datasheet HTML 127Page - National Semiconductor (TI) PC87391 Datasheet HTML 128Page - National Semiconductor (TI) PC87391 Datasheet HTML 129Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 148 page
background image
8.0 Legacy Functional Blocks (Continued)
125
www.national.com
Table 36. Parallel Port Bitmap Summary for Second Level Offset
Register
Bits
Second
Level
Offset
Mnemonic
76543210
00h
Control0
Reserved
DCR
Register
Live
Freeze Bit
Reserved
EPP Time-
out
Interrupt
Mask
02h
Control2
SPP Com-
patibility
Channel
Address
Enable
Reserved
Revision
1.7 or 1.9
Select
Reserved
04h
Control4
Reserved
PP DMA Request Inactive Time
Reserved
PP DMA Request Active Time
05h
PP
Confg0
Bit 3 of
CNFGA
Demand
DMA
Enable
ECP IRQ Channel Number
PE
Internal
Pull-up or
Pull-down
ECP DMA Channel
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com