Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 126 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 126 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 122Page - National Semiconductor (TI) PC87391 Datasheet HTML 123Page - National Semiconductor (TI) PC87391 Datasheet HTML 124Page - National Semiconductor (TI) PC87391 Datasheet HTML 125Page - National Semiconductor (TI) PC87391 Datasheet HTML 126Page - National Semiconductor (TI) PC87391 Datasheet HTML 127Page - National Semiconductor (TI) PC87391 Datasheet HTML 128Page - National Semiconductor (TI) PC87391 Datasheet HTML 129Page - National Semiconductor (TI) PC87391 Datasheet HTML 130Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 148 page
background image
8.0 Legacy Functional Blocks (Continued)
126
www.national.com
8.3
UART FUNCTIONALITY (SP1 AND SP2)
8.3.1
General Description
Both SP1 and SP2 provide UART functionality. The generic SP1 and SP2 support serial data communication with remote
peripheral device or modem using a wired interface. The functional blocks can function as a standard 16450, 16550, or as
an Extended UART.
8.3.2
UART Mode Register Bank Overview
Four register banks, each containing eight registers, control UART operation. All registers use the same 8-byte address
space to indicate offsets 00h through 07h. The BSR register selects the active bank and is common to all banks. See Figure
30.
Figure 30. UART Mode Register Bank Architecture
BANK 0
BANK 1
BANK 2
BANK 3
Offset 07h
Offset 06h
Offset 05h
Offset 04h
LCR/BSR
Offset 02h
Offset 01h
Offset 00h
Common
Register
Throughout
All Banks
16550 Banks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com