Electronic Components Datasheet Search
  English  ▼

X  

MAX783C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX783C/D
Description  Triple-Output Power-Supply Controller for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX783C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX783C/D Datasheet HTML 1Page - Maxim Integrated Products MAX783C/D Datasheet HTML 2Page - Maxim Integrated Products MAX783C/D Datasheet HTML 3Page - Maxim Integrated Products MAX783C/D Datasheet HTML 4Page - Maxim Integrated Products MAX783C/D Datasheet HTML 5Page - Maxim Integrated Products MAX783C/D Datasheet HTML 6Page - Maxim Integrated Products MAX783C/D Datasheet HTML 7Page - Maxim Integrated Products MAX783C/D Datasheet HTML 8Page - Maxim Integrated Products MAX783C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
_______________General Description
The MAX783 is a system-engineered power-supply controller
for notebook computers or similar battery-powered equipment.
It provides two high-performance step-down (buck) pulse-
width modulators (PWMs) for +3.3V/+5V and dual PCMCIA
VPP outputs powered by an integral flyback winding controller.
Other functions include dual, low-dropout, micropower linear
regulators for CMOS/RTC back up, and two precision low-
battery-detection comparators.
High efficiency (95% at 2A, greater than 80% at loads from
5mA to 3A) is achieved through synchronous rectification
and PWM operation at heavy loads, and Idle-Mode
TM oper-
ation at light loads. The MAX783 uses physically small
components, thanks to high operating frequencies
(300kHz/200kHz) and a new current-mode PWM architec-
ture that allows for output filter capacitors as small as 30µF
per ampere of load. Line- and load-transient responses
are terrific, with a high 60kHz unity-gain crossover frequen-
cy that allows output transients to be corrected within four
or five clock cycles. Low system cost is achieved through
a high level of integration and the use of low-cost external
N-channel MOSFETs. The integral flyback winding con-
troller provides a low-cost, +15V high-side output that regu-
lates even in the absence of a load on the main output.
Other features include low-noise, fixed-frequency PWM
operation at moderate to heavy loads and a synchronizable
oscillator for noise-sensitive applications such as electro-
magnetic pen-based systems and communicating comput-
ers. The MAX783 is similar to the MAX782, except the fly-
back winding is on the 3.3V inductor instead of the 5V
inductor, the VPP outputs can be optionally programmed to
3.3V, and the device may be completely shut down.
________________________Applications
Notebook Computers
Portable Data Terminals
Communicating Computers
Pen-Entry Systems
____________________________Features
o Dual PWM Buck Controllers (+3.3V and +5V)
o Dual PCMCIA VPP Outputs (0V/3.3V/5V/12V)
o Two Precision Comparators or Level Translators
o Power-Ready Status Output (
RDY5)
o 95% Efficiency
o Optimized for 6-Cell Applications
o 420µA Quiescent Current;
70µA in Standby (linear regulators alive)
25µA Shutdown Current
o 5.5V to 30V Input Range
o Small SSOP Package
o Fixed Output Voltages Available:
3.3V (standard)
3.45V (High-Speed Pentium™)
3.6V (PowerPC™)
______________Ordering Information
Triple-Output Power-Supply Controller
for Notebook Computers
________________________________________________________________
Maxim Integrated Products
1
Call toll free 1-800-998-8800 for free samples or literature.
™Idle-Mode is a trademark of Maxim Integrated Products. Pentium is a trademark of Intel. PowerPC is a trademark of IBM.
19-0045; Rev 1; 5/94
Evaluation
Kit
Information
Included
MAX783
5.5V
TO
30V
VPP
CONTROL
ON3
ON5
SYNC
POWER
SECTION
SUSPEND POWER
LOW-BATTERY WARNING
VPP (0V/3.3V/5V/12V)
µP
MEMORY
PERIPHERALS
+3.3V
+5V
DUAL
PCMCIA
SLOTS
4
VPP (0V/3.3V/5V/12V)
SHDN
_______Typical Application Diagram
36
35
34
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
13
14
SS3
CS3
FB3
DH3
LX3
BST3
LX5
DL3
V+
VL
FB5
PGND
DL5
BST5
SYNC
REF
GND
VPPB
VDD
VPPA
RDY5
Q1
Q2
VH
D2
D1
SHDN
ON3
SSOP
TOP VIEW
MAX783
22
21
20
19
15
16
17
18
ON5
DH5
CS5
SS5
DB0
DB1
DA0
DA1
__________________Pin Configuration
36 SSOP
0°C to +70°C
MAX783RCBX
36 SSOP
0°C to +70°C
MAX783CBX
PIN-PACKAGE
TEMP. RANGE
PART
3.45V
3.3V
VOUT
Ordering Information continued on last page.


Similar Part No. - MAX783C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX780 MAXIM-MAX780 Datasheet
134Kb / 12P
Dual-Slot PCMCIA Analog Power Controller
Rev. 1; 8/93
MAX78000 MAXIM-MAX78000 Datasheet
428Kb / 47P
Artificial Intelligence Microcontroller with Ultra-Low-Power Convolutional Neural Network Accelerator
2021
MAX78000EXG+ MAXIM-MAX78000EXG+ Datasheet
428Kb / 47P
Artificial Intelligence Microcontroller with Ultra-Low-Power Convolutional Neural Network Accelerator
2021
MAX78000FTHR MAXIM-MAX78000FTHR Datasheet
1Mb / 16P
MAX78000FTHR Application Platform
Rev 0; 11/20
MAX780AC/D MAXIM-MAX780AC/D Datasheet
134Kb / 12P
Dual-Slot PCMCIA Analog Power Controller
Rev. 1; 8/93
More results

Similar Description - MAX783C/D

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX786 MAXIM-MAX786 Datasheet
305Kb / 20P
Dual-Output Power-Supply Controller for Notebook Computers
2; 4/97
MAX1534 MAXIM-MAX1534 Datasheet
398Kb / 16P
High-Efficiency, Triple-Output, Keep-Alive Power Supply for Notebook Computers
Rev 0; 10/02
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
August 7, 2008
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
May 13, 2011
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com